Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17536 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAXM17536
Description  4.5V to 60V, 4A High-Efficiency, DC-DC Step-Down SiP Power Module with Integrated Inductor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17536 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAXM17536 Datasheet HTML 13Page - Maxim Integrated Products MAXM17536 Datasheet HTML 14Page - Maxim Integrated Products MAXM17536 Datasheet HTML 15Page - Maxim Integrated Products MAXM17536 Datasheet HTML 16Page - Maxim Integrated Products MAXM17536 Datasheet HTML 17Page - Maxim Integrated Products MAXM17536 Datasheet HTML 18Page - Maxim Integrated Products MAXM17536 Datasheet HTML 19Page - Maxim Integrated Products MAXM17536 Datasheet HTML 20Page - Maxim Integrated Products MAXM17536 Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
The MAXM17536 is designed to support a maximum load
current of 4A. The inductor ripple current is calculated as
follows:
IN
OUT
OUT
OUT
OUT
SW
IN
OUT
V
V
0.071 I
V
0.051 I
I
L f
V
0.02 I

−
−×
+
×
∆=
×

×
−×

where:
VOUT = Steady-state output voltage
VIN = Operating input voltage
fSW = Switching frequency
L = Power module output inductance (4.7µH ±20%)
IOUT = Required output (load) current
The following condition should be satisfied at the desired
load current, IOUT:
OUT
I
I
7.15
2
∆
+<
RESET Output
The MAXM17536 includes a comparator to monitor the
output voltage. The open-drain RESET output requires
an external pullup resistor. RESET goes high (high
impedance) 1024 switching cycles after the regulator
output increases above 95.5% of the designed
nominal regulated voltage. RESET goes low when the
regulator output voltage drops to below 92.5% of the
nominal regulated voltage. RESET also goes low during
thermal shutdown.
Prebiased Output
When the MAXM17536 starts into a prebiased output,
both the high-side and the low-side switches are turned
off so that the converter does not sink current from the
output. High-side and low-side switches do not start
switching until the PWM comparator commands the first
PWM pulse, at which point switching commences. The
output voltage is then smoothly ramped up to the target
value in alignment with the internal reference.
Thermal-Shutdown Protection
Thermal shutdown protection limits total power dissipation
in the MAXM17536. When the junction temperature of
the device exceeds +165°C (typ), an on-chip thermal sen-
sor shuts down the device, allowing the device to cool.
The thermal sensor turns the device on again after the
junction temperature cools by 10°C. Soft-start resets
during thermal shutdown. Carefully evaluate the total
power dissipation (see the Power Dissipation section)
to avoid unwanted triggering of the thermal shutdown in
normal operation.
Applications Information
Input-Capacitor Selection
The input-filter capacitor reduces peak currents drawn
from the power source and reduces noise and voltage
ripple on the input caused by the circuit’s switching.
The input capacitor RMS current requirement (IRMS) is
defined by the following equation:
IRMS = IOUT(MAX) × √
VOUT ×
(VIN −VOUT
)
VIN
where, IOUT(MAX) is the maximum load current. IRMS has
a maximum value when the input voltage equals twice
the output voltage (VIN = 2 x VOUT), so IRMS(MAX) =
IOUT(MAX)/2. Choose an input capacitor that exhibits less
than a +10°C temperature rise at the RMS input current
for optimal long-term reliability. Use low-ESR ceramic
capacitors with high ripple-current capability at the input.
X7R capacitors are recommended in industrial applications
for their temperature stability. The CIN capacitor values
in Table 1 are the minimum recommended values for the
associated operating conditions.
In applications where the source is located distant from
the MAXM17536 input, an electrolytic capacitor should
be added in parallel to the ceramic capacitor to provide
necessary damping for potential oscillations caused by
the inductance of the longer input power path and input
ceramic capacitor.
www.maximintegrated.com
Maxim Integrated │ 17
MAXM17536
4.5V to 60V, 4A High-Efficiency, DC-DC Step-Down
SiP Power Module with Integrated Inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com