Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17536 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAXM17536
Description  4.5V to 60V, 4A High-Efficiency, DC-DC Step-Down SiP Power Module with Integrated Inductor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17536 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAXM17536 Datasheet HTML 7Page - Maxim Integrated Products MAXM17536 Datasheet HTML 8Page - Maxim Integrated Products MAXM17536 Datasheet HTML 9Page - Maxim Integrated Products MAXM17536 Datasheet HTML 10Page - Maxim Integrated Products MAXM17536 Datasheet HTML 11Page - Maxim Integrated Products MAXM17536 Datasheet HTML 12Page - Maxim Integrated Products MAXM17536 Datasheet HTML 13Page - Maxim Integrated Products MAXM17536 Datasheet HTML 14Page - Maxim Integrated Products MAXM17536 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
(VIN = VEN/UVLO = 24V, VSGND = VPGND = 0V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.
All voltages are referenced to GND, unless otherwise noted. The circuit values for different output-voltage applications are as in Table 1,
unless otherwise noted.)
Typical Operating Characteristics (continued)
toc49
0.15
CONDUCTED EMISSION PLOT
(WITH FILTER C18 = C19 = C20 = C21 = C22 = 4.7µF, L1 = 8.2µH)
30
1
10
20
30
40
50
60
FREQUENCY (MHz)
CONDITIONS : VIN = 24V, VOUT = 5V, IOUT = 4A
FROM : MAXM17536EVKIT#
AVERAGE EMISSION
PEAK EMISSION
CISPR-22 CLASS B QP LIMIT
CISPR-22 CLASS B AVG LIMIT
10
toc50
30
RADIATED EMISSION PLOT
(NO FILTER C18 = C19 = C20 = C21 = C22 = OPEN, L1 = SHORT)
TUVRheinland
MaximIc_MAXM17536
RE 30MHz-1GHz
30.0M
100.0M
1.0G
Frequency(Hz)
-10.0
0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
09:50:36AM,Monday,May20,2019
RE 30MHz-1GHz_0-360Deg_90DegStep_1-4Mtr Height_QuickScan_Test2.TIL
Final_ScanV
Final_ScanH
Limit
1000
100
0
10
20
30
40
50
60
HORIZONTAL SCAN
VERTICAL SCAN
CISPR-22 CLASS B QP LIMIT
FREQUENCY (MHz)
CONDITIONS : VIN = 24V, VOUT = 5V, IOUT = 4A
FROM : MAXM17536EVKIT#
5V/div
toc43
20ms/div
VOUT
OUTPUT SHORT IN STEADY STATE
(VIN = 24V, VOUT = 5V, PWM MODE)
5A/div
IOUT
20V/div
VLX
5V/div
SHORT
-60
-40
-20
0
20
40
60
80
100
120
-40
-30
-20
-10
0
10
20
30
40
fCR = 36.49kHz,
PHASE MARGIN = 63°
toc46
PHASE
GAIN
BODE PLOT
(VIN = 24V, VOUT = 5V, IOUT = 4A)
104
105
FREQUENCY (Hz)
103
500mV/div
toc44
2ms/div
VOUT
STARTUP INTO SHORT
(VIN = 24V, VOUT = 5V, PWM MODE)
5A/div
IOUT
20V/div
VLX
VEN/UVLO
2V/div
-60
-40
-20
0
20
40
60
80
100
120
-40
-30
-20
-10
0
10
20
30
40
toc47
PHASE
GAIN
BODE PLOT
(VIN = 24V, VOUT = 3.3V, IOUT = 4A)
104
105
FREQUENCY (Hz)
103
fCR = 33.33kHz,
PHASE MARGIN = 58.7
°
toc45
10
µs/div
VSYNC
SYNC FREQUENCY AT 630kHz
(VIN = 24V, VOUT = 5V, IOUT = 4A, PWM MODE)
10V/div
VLX
5V/div
50mV/div
0
1
2
3
4
5
0
20
40
60
80
100
120
140
AMBIENT TEMPERATURE (
°C)
OUTPUT CURRENT
vs. AMBIENT TEMPERATURE
toc48
VOUT = 5V
VOUT = 3.3V
Maxim Integrated │ 11
www.maximintegrated.com
MAXM17536
4.5V to 60V, 4A High-Efficiency, DC-DC Step-Down
SiP Power Module with Integrated Inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com