Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17536 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAXM17536
Description  4.5V to 60V, 4A High-Efficiency, DC-DC Step-Down SiP Power Module with Integrated Inductor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17536 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAXM17536 Datasheet HTML 1Page - Maxim Integrated Products MAXM17536 Datasheet HTML 2Page - Maxim Integrated Products MAXM17536 Datasheet HTML 3Page - Maxim Integrated Products MAXM17536 Datasheet HTML 4Page - Maxim Integrated Products MAXM17536 Datasheet HTML 5Page - Maxim Integrated Products MAXM17536 Datasheet HTML 6Page - Maxim Integrated Products MAXM17536 Datasheet HTML 7Page - Maxim Integrated Products MAXM17536 Datasheet HTML 8Page - Maxim Integrated Products MAXM17536 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Note 3: Electrical specifications are production tested at TA = + 25°C. Specifications over the entire operating temperature range
are guaranteed by design and characterization.
(VIN = VEN/UVLO = 24V, RRT = OPEN (450kHz), VPGND = VSGND = VMODE/SYNC = 0V, LX = SS = RESET = CF = DL = VCC = OUT =
open, VEXTVCC = 0V, VBST to VLX = 5V, VFB = 1V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.
All voltages are referenced to SGND, unless otherwise noted.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RT PIN
Switching Frequency
Accuracy
fSW = 100kHz to 2.2MHz
-12
+12
%
Switching Frequency
fSW
RRT = open
420
450
480
kHz
Switching Frequency
Adjustable Range
100
2200
kHz
Minimum On-Time
tON(MIN)
114
160
ns
RESET PIN
RESET
Sink Current
IRESET
10
mA
RESET
Output-Level Low
IRESET = 10mA
400
mV
RESET
Output-Leakage
Current
VRESET = 5.5V
-100
+100
nA
VOUT Threshold for
RESET
Assertion
VOUT_OKF
VFB falling
90.4
92.5
94.6
%
VOUT Threshold for
RESET
Deassertion
VOUT_OKR
VFB rising
93.4
95.5
97.7
%
RESET
Deassertion
Delay After FB Reaches
95% Regulation
1024
Cycles
THERMAL SHUTDOWN
Thermal Shutdown
Threshold
Temperature Rising
165
°C
Thermal Shutdown
Hysteresis
10
°C
Electrical Characteristics (continued)
www.maximintegrated.com
Maxim Integrated │ 4
MAXM17536
4.5V to 60V, 4A High-Efficiency, DC-DC Step-Down
SiP Power Module with Integrated Inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com