Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17536 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAXM17536
Description  4.5V to 60V, 4A High-Efficiency, DC-DC Step-Down SiP Power Module with Integrated Inductor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17536 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAXM17536 Datasheet HTML 8Page - Maxim Integrated Products MAXM17536 Datasheet HTML 9Page - Maxim Integrated Products MAXM17536 Datasheet HTML 10Page - Maxim Integrated Products MAXM17536 Datasheet HTML 11Page - Maxim Integrated Products MAXM17536 Datasheet HTML 12Page - Maxim Integrated Products MAXM17536 Datasheet HTML 13Page - Maxim Integrated Products MAXM17536 Datasheet HTML 14Page - Maxim Integrated Products MAXM17536 Datasheet HTML 15Page - Maxim Integrated Products MAXM17536 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
PIN
NAME
FUNCTION
1
VCC
5V LDO Output. The VCC is bypassed to PGND internally through a 2.2µF capacitor.
Do not connect any external components to the VCC pin.
2
RESET
Open-Drain RESET Output. The RESET output is driven low if FB drops below 92.5% of its set value.
RESET
goes high 1024 clock cycles after FB rises above 95.5% of its set value. See the RESET Output
section for more details.
3
RT
Switching Frequency Programming. Connect a resistor from RT to SGND to set the regulator's
switching frequency. Leave RT open for the default 450kHz frequency. See the Setting the Switching
Frequency (RT) section for more details.
4
SGND
Analog Ground.
5
CF
Compensation Pin. Connect a 2.2pF capacitor from CF to FB.
6
FB
Feedback Input. Connect FB to the center tap of an external resistor-divider from the OUT to SGND to
set the output voltage.
Pin Configuration
FB
CF
RT
PGND
SGND
PGND
IN
OUT
OUT
PGND
PGND
PGND
10
16
17
18
20
21
28
22
23
EP1
14
15
13
19
5
4
3
2
24
IN
1
9
8
7
6
SS
27
12
EXTVCC
PGND
BST
29
DL
EP3
25
26
11
PGND
OUT
EP2
PGND
PGND
PGND
LX
+
VCC
OUT
MAXM17536
RESET
29-PIN SiP
(9mm x 15mm x 4.32mm)
EN/UVLO
MODE/SYNC
Pin Description
www.maximintegrated.com
Maxim Integrated │ 12
MAXM17536
4.5V to 60V, 4A High-Efficiency, DC-DC Step-Down
SiP Power Module with Integrated Inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com