Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17536 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAXM17536
Description  4.5V to 60V, 4A High-Efficiency, DC-DC Step-Down SiP Power Module with Integrated Inductor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17536 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAXM17536 Datasheet HTML 11Page - Maxim Integrated Products MAXM17536 Datasheet HTML 12Page - Maxim Integrated Products MAXM17536 Datasheet HTML 13Page - Maxim Integrated Products MAXM17536 Datasheet HTML 14Page - Maxim Integrated Products MAXM17536 Datasheet HTML 15Page - Maxim Integrated Products MAXM17536 Datasheet HTML 16Page - Maxim Integrated Products MAXM17536 Datasheet HTML 17Page - Maxim Integrated Products MAXM17536 Datasheet HTML 18Page - Maxim Integrated Products MAXM17536 Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Detailed Description
The MAXM17536 is a high-efficiency, high-voltage,
synchronous step-down module with dual-integrated
MOSFETs that operates over a 4.5V to 60V input, and
supports a programmable output voltage from 0.9V to
12V, delivering up to 4A current. Built-in compensation
for the entire output-voltage range eliminates the need
for external components. The feedback (FB) regulation
accuracy over -40°C to +125°C is ±1.5%.
The device features a peak-current-mode control
architecture. An internal transconductance-error amplifier
produces an integrated error voltage at an internal node
that sets the duty cycle using a PWM comparator, a high-
side current-sense amplifier, and a slope-compensation
generator. At each rising edge of the clock, the high-
side MOSFET turns on and remains on until either the
appropriate or maximum duty cycle is reached, or the peak
current limit is detected. During the high-side MOSFET’s
on-time, the inductor current ramps up. During the second
half of the switching cycle, the high-side MOSFET turns
off and the low-side MOSFET turns on. The inductor
releases the stored energy as its current ramps down
and provides current to the output. The device features a
MODE/SYNC pin that can be used to operate the device
in PWM, PFM, or DCM control schemes and to synchronize
the switching frequency to an external clock. The device
integrates adjustable-input undervoltage lockout,
adjustable soft-start, open-drain RESET, auxiliary
bootstrap LDO, and DL-to-OUT short-detection features.
Mode Selection (MODE)
The logic state of the MODE/SYNC pin is latched when
VCC and EN/UVLO voltages exceed the respective UVLO
rising thresholds and all internal voltages are ready to
allow LX switching. If the MODE/SYNC pin is open at
power-up, the device operates in PFM mode at light
loads. If the MODE/SYNC pin is grounded at power-up,
the device operates in constant-frequency PWM mode
at all loads. Finally, if the MODE/SYNC pin is connected
to VCC at power-up, the device operates in constant
frequency DCM mode at light loads. State changes on the
MODE/SYNC pin are ignored during normal operation.
PWM-Mode Operation
In PWM mode, the inductor current is allowed to go
negative. PWM operation provides constant frequency
operation at all loads, and is useful in applications
sensitive to changes in switching frequency. However,
the PWM mode of operation gives lower efficiency at light
loads compared to PFM and DCM modes of operation.
PFM-Mode Operation
The PFM mode of operation disables negative inductor
current and additionally skips pulses at light loads for high
efficiency. In PFM mode, the inductor current is forced to
a fixed peak of 2A (typ) every clock cycle until the output
rises to 102.3% of the nominal voltage. Once the output
reaches 102.3% of the nominal voltage, both the high-
side and low-side FETs are turned off and the device
enters hibernate operation until the load discharges the
output to 101.1% of the nominal voltage. Most of the
internal blocks are turned off in hibernate operation to
minimize quiescent current. After the output falls below
101.1% of the nominal voltage, the device comes out
of hibernate operation, turns on all internal blocks, and
again commences the process of delivering pulses
of energy to the output until it reaches 102.3% of the
nominal output voltage. The advantage of the PFM
mode is higher efficiency at light loads because of lower
quiescent current drawn from the supply. The disadvantage
is that the output-voltage ripple is higher compared to
PWM or DCM modes of operation and switching frequency
is not constant at light loads.
DCM-Mode Operation
DCM mode of operation features constant frequency
operation down to lighter loads than PFM mode, by not
skipping pulses but only disabling negative inductor
current at light loads. DCM operation offers efficiency
performance that lies between PWM and PFM modes
Linear Regulator
The MAXM17536 has two internal low-dropout (LDO)
regulators that powers VCC. During power-up, when
the EN/UVLO pin voltage is above the true shutdown
voltage (0.8V), then the VCC is powered from INLDO.
When VCC voltage is above the VCC UVLO threshold
and EXTVCC voltage is greater than 4.7V (typ) the VCC
is powered from EXTVCC LDO. Only one of the two LDOs
is in operation at a time depending on the voltage level
present at EXTVCC. Powering VCC from EXTVCC
increases efficiency at higher input voltages. EXTVCC
voltage should not exceed 24V.
Typical VCC output voltage is 5V. Internally VCC is
bypassed with a 2.2μF ceramic capacitor to PGND. See
the Electrical Characteristics table for the current limit
details for both the regulators. In applications where the
buck converter output is connected to the EXTVCC pin,
if the output is shorted to ground, then the transfer from
EXTVCC LDO to INLDO happens seamlessly without any
impact on the normal functionality.
www.maximintegrated.com
Maxim Integrated │ 15
MAXM17536
4.5V to 60V, 4A High-Efficiency, DC-DC Step-Down
SiP Power Module with Integrated Inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com