Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17536 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAXM17536
Description  4.5V to 60V, 4A High-Efficiency, DC-DC Step-Down SiP Power Module with Integrated Inductor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17536 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAXM17536 Datasheet HTML 1Page - Maxim Integrated Products MAXM17536 Datasheet HTML 2Page - Maxim Integrated Products MAXM17536 Datasheet HTML 3Page - Maxim Integrated Products MAXM17536 Datasheet HTML 4Page - Maxim Integrated Products MAXM17536 Datasheet HTML 5Page - Maxim Integrated Products MAXM17536 Datasheet HTML 6Page - Maxim Integrated Products MAXM17536 Datasheet HTML 7Page - Maxim Integrated Products MAXM17536 Datasheet HTML 8Page - Maxim Integrated Products MAXM17536 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
IN to PGND ...........................................................-0.3V to +65V
EN/UVLO, SS to SGND ........................................-0.3V to +65V
LX to PGND................................................-0.3V to (VIN + 0.3V)
BST to PGND........................................................-0.3V to +70V
BST to LX.............................................................-0.3V to +6.5V
BST to VCC ...........................................................-0.3V to +65V
FB, CF, RESET, MODE/SYNC, RT to SGND ......-0.3V to +6.5V
DL, VCC to PGND ................................................-0.3V to +6.5V
SGND to PGND....................................................-0.3V to +0.3V
EXTVCC to PGND ................................................-0.3V to +26V
OUT to PGND (VIN ≤ 16V).........................-0.3V to (VIN + 0.3V)
OUT to PGND (VIN > 16V)......................................-0.3V to 16V
Output Short-Circuit Duration....................................Continuous
Operating Temperature Range ........................ -40°C to +125°C
Junction Temperature (Note 1)........................................+150°C
Storage Temperature Range............................ -55°C to +150°C
Soldering Temperature (reflow).......................................+240°C
PACKAGE TYPE: 29-PIN SiP
Package Code
L29915#1
Outline Number
21-100177
Land Pattern Number
90-100055
Thermal Resistance, Four-Layer Board: (Note 2)
Junction to Ambient (θJA)
24°C/W
(VIN = VEN/UVLO = 24V, RRT = OPEN (450kHz), VPGND = VSGND = VMODE/SYNC = 0V, LX = SS = RESET = CF = DL = VCC = OUT =
open, VEXTVCC = 0V, VBST to VLX = 5V, VFB = 1V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.
All voltages are referenced to SGND, unless otherwise noted.) (Note 3)
Note 1: Junction temperature greater than +125°C degrades operating lifetimes.
Note 2: Package thermal resistance is measured on an evaluation board with natural convection.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT SUPPLY (VIN)
Input-Voltage Range
VIN
4.5
60
V
Input-Shutdown Current
IIN_SH
VEN/UVLO = 0V, (Shutdown mode)
11
16
μA
Input-Quiescent Current
IQ_PFM
MODE/SYNC = open
128
μA
IQ_DCM
DCM Mode
1.27
2
mA
IQ_PWM
PWM Mode, no load, VOUT = VEXTVCC = 5V
19
ENABLE/UNDERVOLTAGE LOCKOUT (EN/UVLO)
EN/UVLO Threshold
VENR
VEN/UVLO rising
1.185
1.215
1.245
V
VENF
VEN/UVLO falling
1.06
1.09
1.12
Enable Pullup Resistor
RENP
Pullup resistor between IN and EN/UVLO pins
3.15
3.32
3.45
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
For the latest package outline information and land patterns (footprints), go to
www.maximintegrated.com/packages. Note that a “+”,
“#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.
Package Information
Electrical Characteristics
www.maximintegrated.com
Maxim Integrated │ 2
MAXM17536
4.5V to 60V, 4A High-Efficiency, DC-DC Step-Down
SiP Power Module with Integrated Inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com