Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2104 Datasheet(PDF) 22 Page - Microchip Technology

Part # MIC2104
Description  75V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2104 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MIC2104 Datasheet HTML 18Page - Microchip Technology MIC2104 Datasheet HTML 19Page - Microchip Technology MIC2104 Datasheet HTML 20Page - Microchip Technology MIC2104 Datasheet HTML 21Page - Microchip Technology MIC2104 Datasheet HTML 22Page - Microchip Technology MIC2104 Datasheet HTML 23Page - Microchip Technology MIC2104 Datasheet HTML 24Page - Microchip Technology MIC2104 Datasheet HTML 25Page - Microchip Technology MIC2104 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
MIC2103/4
DS20005899A-page 22
 2017 Microchip Technology Inc.
4.0
FUNCTIONAL DESCRIPTION
The MIC2103/4 are adaptive on-time synchronous
buck controllers built for high-input voltage to
low-output voltage conversion applications. They are
designed to operate over a wide input voltage range,
from 4.5V to 75V, and the output is adjustable with an
external resistive divider. An adaptive on-time control
scheme is employed to obtain a constant switching
frequency and to simplify the control compensation.
Overcurrent protection is implemented by sensing
low-side MOSFET’s RDS(ON). The device features
internal soft-start, enable, UVLO, and thermal
shutdown.
4.1
Theory of Operation
The Functional Block Diagram illustrates the block
diagram of the MIC2103/4. The output voltage is
sensed by the MIC2103/4 feedback pin FB via the
voltage divider R1 and R2, and compared to a 0.8V
reference voltage VREF at the error comparator through
a low-gain transconductance (gm) amplifier. If the
feedback voltage decreases and the amplifier output is
below 0.8V, then the error comparator will trigger the
control logic and generate an ON-time period. The
ON-time period length is predetermined by the “Fixed
tON Estimator” circuitry:
EQUATION 4-1:
At the end of the ON-time period, the internal high-side
driver turns off the high-side MOSFET and the low-side
driver turns on the low-side MOSFET. The OFF-time
period length depends upon the feedback voltage in
most cases. When the feedback voltage decreases
and the output of the gm amplifier is below 0.8V, the
ON-time period is triggered and the OFF-time period
ends. If the OFF-time period determined by the
feedback voltage is less than the minimum OFF-time
tOFF(min), which is about 200 ns, the MIC2103/4 control
logic will apply the tOFF(min) instead. tOFF(min) is
required to maintain enough energy in the boost
capacitor (CBST) to drive the high-side MOSFET.
The maximum duty cycle is obtained from the 200 ns
tOFF(min):
EQUATION 4-2:
It is not recommended to use MIC2103/4 with a
OFF-time close to tOFF(min) during steady-state
operation.
The adaptive ON-time control scheme results in a
constant switching frequency in the MIC2103/4. The
actual ON-time and resulting switching frequency will
vary with the different rising and falling times of the
external MOSFETs. Also, the minimum tON results in a
lower switching frequency in high VIN to VOUT
applications. During load transients, the switching
frequency is changed due to the varying OFF-time.
To illustrate the control loop operation, one must
analyze both the steady-state and load transient
scenarios. For easy analysis, the gain of the gm
amplifier is assumed to be 1. With this assumption, the
inverting input of the error comparator is the same as
the feedback voltage.
Figure 4-1 shows the MIC2103/4 control loop timing
during steady-state operation. During steady-state, the
gm amplifier senses the feedback voltage ripple, which
is proportional to the output voltage ripple plus injected
voltage ripple, to trigger the ON-time period. The
ON-time is predetermined by the tON estimator. The
termination of the OFF-time is controlled by the
feedback voltage. At the valley of the feedback voltage
ripple, which occurs when VFB falls below VREF, the
OFF period ends and the next ON-time period is
triggered through the control logic circuitry.
FIGURE 4-1:
MIC2103/4 Control Loop
Timing.
Figure 4-2 shows the operation of the MIC2103/4
during a load transient. The output voltage drops due to
the sudden load increase, which causes the VFB to be
t
ON ESTIMATED

V
OUT
V
IN
f
SW
-----------------------
=
Where:
VOUT = Output voltage.
VIN = Power stage input voltage.
fSW = Switching frequency.
D
MAX
t
S
t
OFF MIN

–
t
S
-----------------------------------
1
200ns
t
S
---------------
–
==
Where:
tS = 1/fSW.
2
V
DH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com