Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2104 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC2104
Description  75V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2104 Datasheet(HTML) 4 Page - Microchip Technology

  MIC2104 Datasheet HTML 1Page - Microchip Technology MIC2104 Datasheet HTML 2Page - Microchip Technology MIC2104 Datasheet HTML 3Page - Microchip Technology MIC2104 Datasheet HTML 4Page - Microchip Technology MIC2104 Datasheet HTML 5Page - Microchip Technology MIC2104 Datasheet HTML 6Page - Microchip Technology MIC2104 Datasheet HTML 7Page - Microchip Technology MIC2104 Datasheet HTML 8Page - Microchip Technology MIC2104 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
MIC2103/4
DS20005899A-page 4
 2017 Microchip Technology Inc.
TABLE 1-1:
ELECTRICAL CHARACTERISTICS
Electrical Characteristics:
VIN = 48V, VOUT = 5V, VBST – VSW = 5V; TA = +25°C, unless noted. Bold values indicate
–40°C ≤ TJ ≤ +125°C. Note 1
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Power Supply Input
Input Voltage Range
VIN
4.5
—
75
V
Note 2
Quiescent Supply Current
IQ
—400
750
µA
MIC2103, VFB = 1.5V
—2.1
3
mA
MIC2104, VFB = 1.5V
Shutdown Supply Current
ISHDN
—0.1
10
µA
SW unconnected, VEN = 0V
VDD Supply
VDD Output Voltage
VDD
4.8
5.2
5.4
VVIN = 7V to 75V, IDD = 10 mA
VDD UVLO Upper Threshold
VDDUV,R
3.8
4.2
4.6
VVDD rising
VDD UVLO Hysteresis
∆VDDUV
—400
—
mV
—
Load Regulation
∆VDD,LOAD
0.6
2
3.6
%
IDD = 0 mA to 40 mA
Reference
Feedback Reference Voltage
VFB
0.792
0.8
0.808
V
TJ = 25°C (±1.0%)
0.784
0.8
0.816
–40°C ≤ TJ ≤ +125°C (±2%)
FB Bias Current
IFB
—5
500
nA
VFB = 0.8V
Enable Control
EN Logic Level High
VEN(HI)
1.8
——
V
—
EN Logic Level Low
VEN(LO)
——
0.6
V—
EN Hysteresis
VEN(HYS)
—200
—
mV
—
EN Bias Current
IEN
—23
40
µA
VEN = 48V
Oscillator
Switching Frequency
fSW
400
600
750
kHz
VFREQ = VIN
—300
—
VFREQ = 50%VIN
Maximum Duty Cycle
DMAX
—85—
%
—
Minimum Duty Cycle
DMIN
—0—
%
VFB > 0.8V
Minimum Off-Time
tOFF(MIN)
140
200
260
ns
—
Soft-Start
Soft-Start Time
tSS
—5—
ms
—
Short-Circuit Protection
Current-Limit Threshold
VCL
–30
–14
0
mV
VFB = 0.79V
Short-Circuit Threshold
VCL(FB)
–23
–7
9
mV
VFB = 0V
Current-Limit Source Current
ICL
60
80
100
µA
VFB = 0.79V
Short-Circuit Source Current
ICL(FB)
27
36
47
µA
VFB = 0V
FET Drivers
DH, DL Output Low Voltage
VLO
——
0.1
VISINK = 10 mA
DH, DL Output High Voltage
VHI
VPVDD
– 0.1V
or
VBST –
0.1V
——
V
ISOURCE = 10 mA
DH On-Resistance, High
State
RON(DHH)
—2.1
3.3
Ω
—
DH On-Resistance, Low State RON(DHL)
—1.8
3.3
Ω
—
DL On-Resistance, High State RON(DLH)
—1.8
3.3
Ω
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com