Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2104 Datasheet(PDF) 33 Page - Microchip Technology

Part # MIC2104
Description  75V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2104 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MIC2104 Datasheet HTML 29Page - Microchip Technology MIC2104 Datasheet HTML 30Page - Microchip Technology MIC2104 Datasheet HTML 31Page - Microchip Technology MIC2104 Datasheet HTML 32Page - Microchip Technology MIC2104 Datasheet HTML 33Page - Microchip Technology MIC2104 Datasheet HTML 34Page - Microchip Technology MIC2104 Datasheet HTML 35Page - Microchip Technology MIC2104 Datasheet HTML 36Page - Microchip Technology MIC2104 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
 2017 Microchip Technology Inc.
DS20005899A-page 33
MIC2103/4
6.0
PCB LAYOUT GUIDELINES
PCB Layout is critical to achieve reliable, stable and
efficient performance. A ground plane is required to
control EMI and minimize the inductance in power and
signal return paths.
The following guidelines should be followed to insure
proper operation of the MIC2103/4 buck controllers.
6.1
IC
• The 1 µF ceramic capacitors, which are
connected to the VDD and PVDD pins, must be
located right at the IC. The VDD pin is very noise
sensitive and placement of the capacitor is very
critical. Use wide traces to connect to the VDD,
PVDD, AGND, and PGND pins.
• The signal ground pin (AGND) must be connected
directly to the ground planes. Do not route the
AGND pin to the PGND pin on the top layer.
• Place the IC close to the point of load (POL).
• Use fat traces to route the input and output power
lines.
• Signal and power grounds should be kept
separate and connected at only one location.
6.2
Input Capacitor
• Place the input capacitors on the same side of the
board and as close to the MOSFETs as possible.
• Place several vias to the ground plane close to
the input capacitor ground terminal.
• Use either X7R or X5R dielectric ceramic input
capacitors. Do not use Y5V or Z5U type
capacitors.
• Do not replace the ceramic input capacitor with
any other type of capacitor. Any type of capacitor
can be placed in parallel with the input capacitor.
• If a Tantalum input capacitor is placed in parallel
with the input capacitor, it must be recommended
for switching regulator applications and the
operating voltage must be derated by 50%.
• In “Hot-Plug” applications, a Tantalum or
Electrolytic bypass capacitor must be used to limit
the over-voltage spike seen on the input supply
with power is suddenly applied.
6.3
RC Snubber
• Place the RC snubber on the same side of the
board and as close to the SW pin as possible.
6.4
Inductor
• Keep the inductor connection to the switch node
(SW) short.
• Do not route any digital lines underneath or close
to the inductor.
• Keep the switch node (SW) away from the
feedback (FB) pin.
• The SW pin should be connected directly to the
drain of the low-side MOSFET to accurately
sense the voltage across the low-side MOSFET.
• To minimize noise, place a ground plane
underneath the inductor.
6.5
Output Capacitor
• Use a wide trace to connect the output capacitor
ground terminal to the input capacitor ground
terminal.
• Phase margin will change as the output capacitor
value and ESR changes. Contact the factory if the
output capacitor is different from what is shown in
the BOM.
• The feedback trace should be separate from the
power trace and connected as close as possible
to the output capacitor. Sensing a long
high-current load trace can degrade the DC load
regulation.
6.6
MOSFETs
• Low-side MOSFET gate drive trace (DL pin to
MOSFET gate pin) must be short and routed over
a ground plane. The ground plane should be the
connection between the MOSFET source and
PGND.
• Choose a low-side MOSFET with a high CGS/CGD
ratio and a low internal gate resistance to
minimize the effect of dv/dt inducted turn-on.
• Do not put a resistor between the low-side
MOSFET gate drive output and the gate.
• Use a 4.5V VGS rated MOSFET. Its higher gate
threshold voltage is more immune to glitches than
a 2.5V or 3.3V rated MOSFET. MOSFETs that are
rated for operation at less than 4.5V VGS should
not be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com