Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2104 Datasheet(PDF) 14 Page - Microchip Technology

Part # MIC2104
Description  75V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2104 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MIC2104 Datasheet HTML 10Page - Microchip Technology MIC2104 Datasheet HTML 11Page - Microchip Technology MIC2104 Datasheet HTML 12Page - Microchip Technology MIC2104 Datasheet HTML 13Page - Microchip Technology MIC2104 Datasheet HTML 14Page - Microchip Technology MIC2104 Datasheet HTML 15Page - Microchip Technology MIC2104 Datasheet HTML 16Page - Microchip Technology MIC2104 Datasheet HTML 17Page - Microchip Technology MIC2104 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
MIC2103/4
DS20005899A-page 14
 2017 Microchip Technology Inc.
FIGURE 2-43:
VDD Voltage vs.
Temperature.
FIGURE 2-44:
VDD UVLO Threshold vs.
Temperature.
FIGURE 2-45:
PG Threshold vs.
Temperature.
FIGURE 2-46:
EN Bias Current vs.
Temperature.
FIGURE 2-47:
Enable Threshold vs.
Temperature.
FIGURE 2-48:
VIN Soft Turn-On.
V
IN = 48V
V
OUT = 5V
I
OUT = 10A
Time (2.0ms/div)
I
L
(10A/div)
V
IN
(50V/div)
V
SW
(50V/div)
V
OUT
(5V/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com