Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2104 Datasheet(PDF) 39 Page - Microchip Technology

Part # MIC2104
Description  75V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2104 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MIC2104 Datasheet HTML 34Page - Microchip Technology MIC2104 Datasheet HTML 35Page - Microchip Technology MIC2104 Datasheet HTML 36Page - Microchip Technology MIC2104 Datasheet HTML 37Page - Microchip Technology MIC2104 Datasheet HTML 38Page - Microchip Technology MIC2104 Datasheet HTML 39Page - Microchip Technology MIC2104 Datasheet HTML 40Page - Microchip Technology MIC2104 Datasheet HTML 41Page - Microchip Technology MIC2104 Datasheet HTML 42Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
 2017 Microchip Technology Inc.
DS20005899A-page 39
MIC2103/4
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC2103YML-TR:
75V, Synchronous Buck
Controller featuring Adap-
tive On-Time Control, Hyper-
Light Load, –40°C to +125°C
Temp. Range, 16-Lead
3 mm x 3 mm QFN, 5,000/
Reel
b) MIC2104YML-TR:
75V, Synchronous Buck
Controller featuring Adap-
tive On-Time Control, Hyper
Speed Control, –40°C to
+125°C Temp. Range, 16-
Lead 3 mm x 3 mm QFN,
5,000/Reel
PART NO.
XX
Package
Device
Device:
MIC210_:
75V, Synchronous Buck Controller featur-
ing Adaptive On-Time Control
Features:
3
=
HyperLight Load®
4
=
Hyper Speed Control®
Junction
Temperature
Range:
Y
=
–40°C to +125°C, RoHS-Compliant
Package:
ML =
16-Lead 3 mm x 3 mm QFN
Media Type:
TR =
5,000/Reel
X
Features
X
Junction Temp.
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
–XX
Media Type
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com