Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2104 Datasheet(PDF) 27 Page - Microchip Technology

Part # MIC2104
Description  75V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2104 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MIC2104 Datasheet HTML 23Page - Microchip Technology MIC2104 Datasheet HTML 24Page - Microchip Technology MIC2104 Datasheet HTML 25Page - Microchip Technology MIC2104 Datasheet HTML 26Page - Microchip Technology MIC2104 Datasheet HTML 27Page - Microchip Technology MIC2104 Datasheet HTML 28Page - Microchip Technology MIC2104 Datasheet HTML 29Page - Microchip Technology MIC2104 Datasheet HTML 30Page - Microchip Technology MIC2104 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
 2017 Microchip Technology Inc.
DS20005899A-page 27
MIC2103/4
MIC2103/4. At low output load, this power dissipation is
noticeable as a reduction in efficiency. The average
current required to drive the high-side MOSFET is:
EQUATION 5-2:
The low-side MOSFET is turned on and off at VDS = 0
because
an
internal
body
diode
or
external
freewheeling diode is conducting during this time. The
switching loss for the low-side MOSFET is usually
negligible. Also, the gate-drive current for the low-side
MOSFET is more accurately calculated using CISS at
VDS = 0 instead of gate charge.
For the low-side MOSFET:
EQUATION 5-3:
Because the current from the gate drive comes from
the VDD, which is the output of the internal linear
regulator powered by VIN, the power dissipated in the
MIC2103/4 due to gate drive is:
EQUATION 5-4:
A convenient figure of merit for switching MOSFETs is
the on resistance multiplied by the total gate charge;
RDS(ON) × QG. Lower numbers translate into higher
efficiency. Low gate-charge logic-level MOSFETs are a
good choice for use with the MIC2103/4. Also, the
RDS(ON) of the low-side MOSFET will determine the
current-limit value. Please refer to the Current-Limit
subsection in the Functional Description for more
details.
Parameters that are important to MOSFET switch
selection are:
• Voltage rating
• On-resistance
• Total gate charge
The voltage ratings for the high-side and low-side
MOSFETs are essentially equal to the power stage
input voltage VHSD. A safety factor of 20% should be
added to the VDS(max) of the MOSFETs to account for
voltage spikes due to circuit parasitic elements.
The power dissipated in the MOSFETs is the sum of the
conduction losses during the on-time (PCONDUCTION)
and the switching losses during the period of time when
the MOSFETs turn on and off (PAC).
EQUATION 5-5:
The high-side MOSFET and low-side MOSFET RMS
currents can be calculated by Equation 5-6:
EQUATION 5-6:
I
G HIGH
SIDE AVG

–

Q
G
f
SW
=
Where:
IG(HIGH-SIDE(AVG)) = Average high-side MOSFET gate
current.
QG = Total gate charge for the high-side MOSFET
taken from the manufacturer’s data sheet for
VGS = VDD.
fSW = Switching frequency.
I
G LOW
SIDE AVG

–

C
ISS
V
GS
f
SW
=
P
GATEDRIVE
V
IN
I
G HIGH
SIDE AVG

–

I
G LOW
SIDE AVG

–

+

=
P
SW
P
CONDUCTION
P
AC
+
=
P
CONDUCTION
I
SW RMS

2
R
DS ON

=
P
AC
P
AC OFF

P
AC ON

+
=
Where:
ISW(RMS) = RMS current of the MOSFET switch.
RDS(ON) = On-resistance of the MOSFET switch.
I
SWHS RMS

I
OUT MAX

D
Where:
D = Duty cycle = VOUT/VHSD.
I
SWLS RMS

I
OUT MAX

1 D
–




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com