Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2104 Datasheet(PDF) 25 Page - Microchip Technology

Part # MIC2104
Description  75V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2104 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MIC2104 Datasheet HTML 21Page - Microchip Technology MIC2104 Datasheet HTML 22Page - Microchip Technology MIC2104 Datasheet HTML 23Page - Microchip Technology MIC2104 Datasheet HTML 24Page - Microchip Technology MIC2104 Datasheet HTML 25Page - Microchip Technology MIC2104 Datasheet HTML 26Page - Microchip Technology MIC2104 Datasheet HTML 27Page - Microchip Technology MIC2104 Datasheet HTML 28Page - Microchip Technology MIC2104 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
 2017 Microchip Technology Inc.
DS20005899A-page 25
MIC2103/4
the gate voltage with minimal droop for the power
stroke (high-side switching) cycle, i.e., ∆BST = 10 mA
x 3.33 μs/0.1 μF = 333 mV. When the low-side
MOSFET is turned back on, CBST is recharged through
D1. A small resistor RG, which is in series with CBST,
can be used to slow down the turn-on time of the
high-side N-channel MOSFET.
The drive voltage is derived from the VDD supply
voltage. The nominal low-side gate drive voltage is VDD
and the nominal high-side gate drive voltage is
approximately VDD – VDIODE, where VDIODE is the
voltage drop across D1. An approximate 30 ns delay
between the high-side and low-side driver transitions is
used to prevent current from simultaneously flowing
unimpeded through both MOSFETs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com