Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2104 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC2104
Description  75V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2104 Datasheet(HTML) 1 Page - Microchip Technology

  MIC2104 Datasheet HTML 1Page - Microchip Technology MIC2104 Datasheet HTML 2Page - Microchip Technology MIC2104 Datasheet HTML 3Page - Microchip Technology MIC2104 Datasheet HTML 4Page - Microchip Technology MIC2104 Datasheet HTML 5Page - Microchip Technology MIC2104 Datasheet HTML 6Page - Microchip Technology MIC2104 Datasheet HTML 7Page - Microchip Technology MIC2104 Datasheet HTML 8Page - Microchip Technology MIC2104 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
 2017 Microchip Technology Inc.
DS20005899A-page 1
MIC2103/4
Features
• Hyper Speed Control® Architecture Enables:
- High Delta V Operation
(VIN = 75V and VOUT = 1.2V)
- Any Capacitor™ Stable
• 4.5V to 75V Input Voltage
• Adjustable Output Voltage from 0.8V to 24V (Also
Limited by Duty Cycle)
• 200 kHz to 600 kHz Programmable Switching
Frequency
• HyperLight Load® Control (MIC2103 Only)
• Hyper Speed Control® (MIC2104 Only)
• Enable Input, Power-Good Output
• Built-In 5V Regulator for Single-Supply Operation
• Programmable Current-Limit and Fold-Back
“Hiccup” Mode Short-Circuit Protection
• 5 ms Internal Soft-Start, Internal Compensation,
and Thermal Shutdown
• Supports Safe Start-Up into a Pre-Biased Output
• –40°C to +125°C Junction Temperature Range
• Available in 16-Pin 3 mm x 3 mm QFN Package
Applications
• Distributed Power Systems
• Networking/Telecom Infrastructure
• Printers, Scanners, Graphic Cards, and Video
Cards
General Description
The MIC2103/4 are constant-frequency, synchronous
buck controllers that feature a unique adaptive ON-time
control architecture. The MIC2103/4 operates over an
input supply range from 4.5V to 75V and can be used
to supply up to 15A of output current. The output
voltage is adjustable down to 0.8V with a guaranteed
accuracy
of
±1%. The
device
operates
with
programmable switching frequency from 200 kHz to
600 kHz.
The HyperLight Load® architecture provides the same
high-efficiency and ultra-fast transient response as the
Hyper Speed Control architecture under medium to
heavy loads, but also maintains high efficiency under
light load conditions by transitioning to variable
frequency, discontinuous-mode operation.
The MIC2103/4 offers a full suite of protection features
to ensure protection of the IC during fault conditions.
These include undervoltage lockout to ensure proper
operation
under
power-sag
conditions,
internal
soft-start
to
reduce
inrush
current,
fold-back
current-limit, “hiccup” mode short-circuit protection,
and thermal shutdown.
Package Type
Please see pin descriptions in Table 3-1.
1
5
VDD
4
PVDD
ILIM
DL
AGND
NC
BST
NC
8
16
13
2
3
6
7
14
15
12
9
11
10
EP
75V Synchronous Buck Controllers
Featuring Adaptive ON-Time Control


Similar Part No. - MIC2104

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2104 MICREL-MIC2104 Datasheet
1Mb / 38P
75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
MIC2104YML MICREL-MIC2104YML Datasheet
1Mb / 36P
75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
MIC2104YML MICREL-MIC2104YML Datasheet
1Mb / 38P
75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
More results

Similar Description - MIC2104

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2164 MICREL-MIC2164 Datasheet
918Kb / 36P
Constant Frequency, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2164 MICREL-MIC2164_10 Datasheet
1Mb / 39P
Synchronous Buck Controllers Featuring Adaptive On-Time Control 28V Input, Constant Frequency
MIC2176-1 MICREL-MIC2176-1 Datasheet
1Mb / 31P
Wide Input Voltage, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2101 MICREL-MIC2101 Datasheet
1Mb / 37P
38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2103 MICREL-MIC2103 Datasheet
1Mb / 36P
75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
logo
Microchip Technology
MIC2128 MICROCHIP-MIC2128 Datasheet
645Kb / 32P
75V, Synchronous Buck Controller Featuring Adaptive On-Time Control with External Soft Start
06/23/16
MIC2125 MICROCHIP-MIC2125 Datasheet
1Mb / 34P
28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
07/14/15
logo
Micrel Semiconductor
MIC2103 MICREL-MIC2103_13 Datasheet
1Mb / 38P
75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
MIC2101 MICREL-MIC2101_13 Datasheet
1Mb / 36P
38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
logo
Microchip Technology
MIC2127A MICROCHIP-MIC2127A Datasheet
827Kb / 38P
75V, Synchronous Buck Controller Featuring Adaptive On-Time Control
11/07/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com