Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2104 Datasheet(PDF) 28 Page - Microchip Technology

Part # MIC2104
Description  75V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2104 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MIC2104 Datasheet HTML 24Page - Microchip Technology MIC2104 Datasheet HTML 25Page - Microchip Technology MIC2104 Datasheet HTML 26Page - Microchip Technology MIC2104 Datasheet HTML 27Page - Microchip Technology MIC2104 Datasheet HTML 28Page - Microchip Technology MIC2104 Datasheet HTML 29Page - Microchip Technology MIC2104 Datasheet HTML 30Page - Microchip Technology MIC2104 Datasheet HTML 31Page - Microchip Technology MIC2104 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
MIC2103/4
DS20005899A-page 28
 2017 Microchip Technology Inc.
Making the assumption that the turn-on and turn-off
transition times are equal; the transition times can be
approximated by:
EQUATION 5-7:
The total high-side MOSFET switching loss is:
EQUATION 5-8:
The high-side MOSFET switching losses increase with
the switching frequency and the power stage input
voltage VHSD. The low-side MOSFET switching losses
are negligible and can be ignored for these
calculations.
5.3
Inductor Selection
Values for inductance, peak, and RMS currents are
required to select the output inductor. The input and
output voltages and the inductance value determine
the peak-to-peak inductor ripple current. Generally,
higher inductance values are used with higher input
voltages. Larger peak-to-peak ripple currents will
increase the power dissipation in the inductor and
MOSFETs. Larger output ripple currents will also
require more output capacitance to smooth out the
larger ripple current. Smaller peak-to-peak ripple
currents require a larger inductance value and
therefore a larger and more expensive inductor.
A good compromise among size, loss and cost is to set
the inductor ripple current to be equal to 20% of the
maximum output current.
The inductance value is calculated by Equation 5-9:
EQUATION 5-9:
The peak-to-peak inductor current ripple is:
EQUATION 5-10:
The peak inductor current is equal to the average
output current plus one half of the peak-to-peak
inductor current ripple.
EQUATION 5-11:
The RMS inductor current is used to calculate the I2R
losses in the inductor.
EQUATION 5-12:
Maximizing efficiency requires the proper selection of
core material and minimizing the winding resistance.
The high frequency operation of the MIC2103/4
requires the use of ferrite materials for all but the most
cost sensitive applications. Lower cost iron powder
cores may be used but the increase in core loss will
reduce the efficiency of the buck converter. This is
especially noticeable at low output power. The winding
resistance decreases efficiency at the higher output
current levels. The winding resistance must be
minimized although this usually comes at the expense
of a larger inductor. The power dissipated in the
inductor is equal to the sum of the core and copper
t
T
C
ISS
V
DD
C
OSS
+
V
HSD
I
G
-------------------------------------------------------------------
=
Where:
CISS and COSS are measured at VDS = 0.
IG = Gate drive current.
P
AC
V
HSD
V
D
+
 I
LPK

t
T
f
SW
=
Where:
tT = Switching transition time.
VD = Body diode drop (0.5V).
fSW = Switching frequency.
L
V
OUT
V
IN MAX

V
OUT
–

V
IN MAX

f
SW
20%
I
OUT MAX

----------------------------------------------------------------------------------------
=
Where:
fSW = Switching frequency.
20% = Ratio of AC ripple current to DC output
current.
VIN(MAX) = Max. power stage input voltage.
I
LPP

V
OUT
V
IN MAX

V
OUT
–

V
IN MAX

f
SW
L
--------------------------------------------------------------------
=
I
LPK

I
OUT MAX

0.5
+
I
LPP

=
I
LRMS

I
OUT MAX

2
I
LPP

2
12
---------------------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com