Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1215CPWR Datasheet(PDF) 4 Page - Texas Instruments

Part # THS1215CPWR
Description  3.3-V, 12-BIT, 15 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1215CPWR Datasheet(HTML) 4 Page - Texas Instruments

  THS1215CPWR Datasheet HTML 1Page - Texas Instruments THS1215CPWR Datasheet HTML 2Page - Texas Instruments THS1215CPWR Datasheet HTML 3Page - Texas Instruments THS1215CPWR Datasheet HTML 4Page - Texas Instruments THS1215CPWR Datasheet HTML 5Page - Texas Instruments THS1215CPWR Datasheet HTML 6Page - Texas Instruments THS1215CPWR Datasheet HTML 7Page - Texas Instruments THS1215CPWR Datasheet HTML 8Page - Texas Instruments THS1215CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
THS1215
SLAS292A – MARCH 2001 – REVISED MARCH 2004
over operating free-air temperature range, T
A (unless otherwise noted)
MIN
NOM
MAX
UNIT
POWER SUPPLY
Supply voltage
AVDD
3.0
3.3
3.6
V
DVDD
ANALOG AND REFERENCE INPUTS
VREFT
fCLK = 5 MHz to 15 MHz
2.0
2.15
2.5
Reference input voltage
V
VREFB
fCLK = 5 MHz to 15 MHz
1.05
1.15
1.3
Reference voltage differential, VREFT – VREFB
fCLK = 5 MHz to 15 MHz
0.95
1.0
1.05
V
CON1 = 0, CON0 = 1
–1.0
1.0
V
Analog input voltage differential, (AIN+) – (AIN–)(1)
CON1 = 1, CON0 = 0
–2.0
2.0
V
Analog input capacitance, Ci
10
pF
Clock input(2)
0
AVDD
V
DIGITAL OUTPUTS
Minimum digital output load resistance, RL
100
k
Ω
Maximum digital output load capacitance, Ci
0
10
15
pF
DIGITAL INPUTS
High-level input voltage, VIH
2.4
DVDD
V
Low-level input voltage, VIL
DGND
0.8
V
Clock frequency, fCLK, See Note
(3)
5
30
MHz
Clock pulse duration, tW(CLKL), tW(CLKH)
fCLK = 15 MHz
30
33.3
36.7
ns
TH1215
0
70
°C
Operating free-air temperature, TA
TJ1215
–40
85
(1)
Based on VREFT – VREFB = 1.0 V, varies proportional to the VREFT – VREFB value. AIN+ and AIN– inputs must always be greater than 0 V
and less than AVDD.
(2)
Clock pin is referenced to AGND and powered by AVDD.
(3)
Clock frequency can be extended to this range without degradation of performance.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com