Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1215CPWR Datasheet(PDF) 10 Page - Texas Instruments

Part # THS1215CPWR
Description  3.3-V, 12-BIT, 15 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1215CPWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS1215CPWR Datasheet HTML 6Page - Texas Instruments THS1215CPWR Datasheet HTML 7Page - Texas Instruments THS1215CPWR Datasheet HTML 8Page - Texas Instruments THS1215CPWR Datasheet HTML 9Page - Texas Instruments THS1215CPWR Datasheet HTML 10Page - Texas Instruments THS1215CPWR Datasheet HTML 11Page - Texas Instruments THS1215CPWR Datasheet HTML 12Page - Texas Instruments THS1215CPWR Datasheet HTML 13Page - Texas Instruments THS1215CPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
www.ti.com
−140
−120
−100
−80
−60
−40
−20
0
f − Frequency − MHz
AVDD = DVDD = 3.3 V,
fs = 15 MSPS,
fi = 3.58 MHz, −1dBFS
Mode 1 Differential
−140
−120
−100
−80
−60
−40
−20
0
f − Frequency − MHz
AVDD = DVDD = 3.3 V,
fs = 15 MSPS,
fi = 3.58 MHz, −1dBFS
Mode 2 Differential
−18
−15
−12
−9
−6
−3
0
3
2
20
200
f − Frequency − MHz
AVDD = DVDD = 3.3 V,
fs = 15 MSPS
THS1215
SLAS292A – MARCH 2001 – REVISED MARCH 2004
TYPICAL CHARACTERISTICS (continued)
FAST FOURIER TRANSFORM-MODE 1
Figure 11.
FAST FOURIER TRANSFORM-MODE 2
Figure 12.
BANDWIDTH
Figure 13.
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com