Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1215CPWR Datasheet(PDF) 14 Page - Texas Instruments

Part # THS1215CPWR
Description  3.3-V, 12-BIT, 15 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1215CPWR Datasheet(HTML) 14 Page - Texas Instruments

Back Button THS1215CPWR Datasheet HTML 10Page - Texas Instruments THS1215CPWR Datasheet HTML 11Page - Texas Instruments THS1215CPWR Datasheet HTML 12Page - Texas Instruments THS1215CPWR Datasheet HTML 13Page - Texas Instruments THS1215CPWR Datasheet HTML 14Page - Texas Instruments THS1215CPWR Datasheet HTML 15Page - Texas Instruments THS1215CPWR Datasheet HTML 16Page - Texas Instruments THS1215CPWR Datasheet HTML 17Page - Texas Instruments THS1215CPWR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
www.ti.com
VIN+
VIN−
R1
R1
R3
THS1215
AIN+
REFT
REFB
AIN−
R2
R2
VBIAS
VBIAS
V IN
AVDD
2
THS1215
AIN+
AIN−
REFT
REFB
THS1215
SLAS292A – MARCH 2001 – REVISED MARCH 2004
of the converter is 3 V. Two problems have to be solved. The first is to shift common mode level (CML) from 0 V
to 1.5 V (AVDD/2). To do that, a V bias voltage and an adequate ratio of R1 and R2 have to be selected. For
instance, if V bias = AVDD = 3 V, then R1 = R2. The second is that the differential voltage has to be reduced from
4 V (2 x 2 V) to 1 V, and for that an attenuation of 4 to1 is needed. The attenuation is determined by the relation:
(R3||2R2)/((R3||2R2) + 2R1). One possible solution is R1 = R2 = R3 = 150
Ω. In this case, moreover, the input
impedance (2R1 + (R3||2R2)) is 400
Ω. The values can be changed to match any other input impedance. A
capacitor, C, connected from AIN+ to AIN- helps filter any high frequency noise on the inputs, also improving
performance. Note that the chosen value of capacitor C must take into account the highest frequency component
of the analog input signal.
Figure 18. DC-Coupled Differential Input Circuit
A single-ended source may give better overall system performance when it is converted to a differential signal
before driving the THS1215. The configuration in Figure 19 takes a VIN of 1 V and drives the 1:1 transformer
ratio so that value of AIN+ and AIN– converts to full-scale value at the ADC digital output. With VIN at –1 V the
value at AIN+ and AIN– converts to 0 at the ADC digital outputs.
Figure 19. Transformer Coupled Single-Ended Input
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com