Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1215CPWR Datasheet(PDF) 15 Page - Texas Instruments

Part # THS1215CPWR
Description  3.3-V, 12-BIT, 15 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1215CPWR Datasheet(HTML) 15 Page - Texas Instruments

Back Button THS1215CPWR Datasheet HTML 11Page - Texas Instruments THS1215CPWR Datasheet HTML 12Page - Texas Instruments THS1215CPWR Datasheet HTML 13Page - Texas Instruments THS1215CPWR Datasheet HTML 14Page - Texas Instruments THS1215CPWR Datasheet HTML 15Page - Texas Instruments THS1215CPWR Datasheet HTML 16Page - Texas Instruments THS1215CPWR Datasheet HTML 17Page - Texas Instruments THS1215CPWR Datasheet HTML 18Page - Texas Instruments THS1215CPWR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
www.ti.com
Digital Outputs
THS1215
DA11
DA0
SN74ALVCH16841
12
1D9
1D0
2D7
2D2
LE
OE
1Q9
1Q0
2Q9
2Q2
12
ASIC
or
DSP
2D1
2D0
2Q1
2Q0
FIFO
D11
D0
1Q15
1Q0
16
DSP
WRTCLK
HF flag
INTR
D15
D12
THS1215
DA11
DA0
12
15 MHz
Clock
CLK
Layout, Decoupling, and Grounding Rules
THS1215
SLAS292A – MARCH 2001 – REVISED MARCH 2004
The output of THS1215 is in unsigned binary code. The ADC input over-range indicator is output on pin OVRNG.
Capacitive loading on the output should be kept as low as possible (a maximum loading of 10 pF is
recommended) to ensure best performance. Higher output loading causes higher dynamic output currents and
can therefore increase noise coupling into the part's analog front-end. To drive higher loads, the use of an output
buffer is recommended.
When clocking output data from THS1215, it is important to observe its timing relation to CLK. The pipeline ADC
delay is 5 clock cycles to which the maximum output propagation delay needs to be added.
Figure 20. Buffered Output Connection
Figure 21. FIFO Connection
Proper grounding and layout of the PCB on which THS1215 is populated is essential to achieve the stated
performance. It is advised to use separate analog and digital ground planes that are spliced underneath the IC.
THS1215 has digital and analog pins on opposite sides of the package to make this easier. Because there is no
connection internally between analog and digital grounds, they have to be joined on the PCB. It is advised to do
this at one point in close proximity to THS1215.
Because of the high sampling rate and switched-capacitor architecture, THS1215 generates transients on the
supply and reference lines. Proper decoupling of these lines is therefore essential. EVM decoupling is
recommended as shown in Figure 22.
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com