Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1215CPWR Datasheet(PDF) 6 Page - Texas Instruments

Part # THS1215CPWR
Description  3.3-V, 12-BIT, 15 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1215CPWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS1215CPWR Datasheet HTML 2Page - Texas Instruments THS1215CPWR Datasheet HTML 3Page - Texas Instruments THS1215CPWR Datasheet HTML 4Page - Texas Instruments THS1215CPWR Datasheet HTML 5Page - Texas Instruments THS1215CPWR Datasheet HTML 6Page - Texas Instruments THS1215CPWR Datasheet HTML 7Page - Texas Instruments THS1215CPWR Datasheet HTML 8Page - Texas Instruments THS1215CPWR Datasheet HTML 9Page - Texas Instruments THS1215CPWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS (CONTINUED)
THS1215
SLAS292A – MARCH 2001 – REVISED MARCH 2004
over recommended operating conditions (AV
DD = DVDD = 3.3 V, fs = 15 MHz/50% duty cycle, MODE = 1, 1-V input span,
internal reference, T
min to Tmax) (unless otherwise noted)
REFT, REFB REFERENCE VOLTAGE (all supplies = 3.3 V)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
INTERNAL REFERENCE(1)
VREFT
Upper reference voltage
2.15
V
VREFB Lower reference voltage
1.15
V
VREF
Differential reference voltage, VREFT – VREFB
0.95
1
1.05
V
Differential reference voltage, VREFT – VREFB accuracy
–5%
5%
EXTERNAL REFERENCE
Externally applied VREFT reference voltage range
2
2.5
V
Externally applied VREFB reference voltage range
1.05
1.3
V
Externally applied (VREFT – VREFB) reference voltage range
0.75
1.05
V
External mode VREFT to VREFB impedance
9
k
Ω
INTERNAL EXTERNAL REFERENCE
CT
VREFT decoupling capacitor value
0.1
µF
CB
VREFB decoupling capacitor value
0.1
µF
CTB
Decoupling capacitor VREFT to VREFB
10
µF
DC ACCURACY (LINEARITY)
Number of missing codes
All modes
0
codes
DNL
Differential nonlinearity
All modes
±0.43
±0.9
LSB
INL
Integral nonlinearity
All modes
±0.6
±2.5
LSB
Offset error
All modes
1.4
2.2
%FSR
Gain error
All modes
2.2
3.5
%FSR
DYNAMIC PERFORMANCE (all supplies = 3.3 V)
ENOB
Effective number of bits
fi = 3.58 MHz
10.7
11.1
Bits
THD
Total harmonic distortion
fi = 3.58 MHz
–81.2
dB
SNR
Signal-to-noise ratio
fi = 3.58 MHz
67.4
68.9
dB
SINA
Signal-to-noise + distortion
fi = 3.58 MHz
66
68.6
dB
D
SFDR
Spurious free dynamic range
fi = 3.58 MHz
72
81.7
dB
Analog input bandwidth
180
MHz
Differential phase, DP
0.12
degree
G(diff)
Differential gain
0.01%
TIMING (all supplies = 3.3 V)
fCLK
Clock frequency(2)
5
15
MHz
Clock duty cycle
45%
50%
55%
td(O)
Output delay time
6
19
ns
td(PZ)
Delay time, output disable to Hi-Z output
3.2
ns
td(EN)
Delay time, output enable to output valid
16
19
ns
Latency
4
5
cycles
(1)
The internal reference voltage is not intended for use driving off chip.
(2)
The clock frequency may be extended down to 5 MHz without degradation in specified performance.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com