Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1215CPWR Datasheet(PDF) 12 Page - Texas Instruments

Part # THS1215CPWR
Description  3.3-V, 12-BIT, 15 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1215CPWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button THS1215CPWR Datasheet HTML 8Page - Texas Instruments THS1215CPWR Datasheet HTML 9Page - Texas Instruments THS1215CPWR Datasheet HTML 10Page - Texas Instruments THS1215CPWR Datasheet HTML 11Page - Texas Instruments THS1215CPWR Datasheet HTML 12Page - Texas Instruments THS1215CPWR Datasheet HTML 13Page - Texas Instruments THS1215CPWR Datasheet HTML 14Page - Texas Instruments THS1215CPWR Datasheet HTML 15Page - Texas Instruments THS1215CPWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
www.ti.com
SIGNAL PROCESSING CHAIN (Sample and Hold, ADC)
SAMPLE
AND
HOLD
AIN−
AIN+
+1
−1
VP+
VP−
REFT
REFB
ADC
CORE
Sample and Hold
Analog-to-Digital Converter
Analog input
THS1215
SLAS292A – MARCH 2001 – REVISED MARCH 2004
Table 2 assumes that the delta in ADC reference voltages VREFT and VREFB is set to 1 V, i.e., VREFT – VREFB = 1
V. Note that VREFB and VREFT can be set externally, which will scale the numbers given in this table.
The user-chosen operating configuration and reference voltages determine what input signal voltage range the
THS1215 can handle.
The following sections explain both the internal signal flow of the device and how the input signal span is related
to the ADC reference voltages, as well as the ways in which the ADC reference voltages can be buffered
internally or externally applied.
Figure 15 shows the signal flow through the sample and hold unit and the PGA to the ADC core.
Figure 15. Analog Input Signal Flow
The differential sample and hold processes AIN with respect to the voltages applied to the REFT and REFB pins,
to give a differential output (VP+) – (VP–) = VP given by:
•
VP = (AIN+) – ( AIN–)
No matter what operating configuration is chosen, VP is digitized against ADC reference voltages VREFT and
VREFB. The VREFT and VREFB voltages set the analog input span limits FS+ and FS–, respectively. Any voltages at
AIN greater than REFT or less than REFB causes ADC over-range, which is signaled by OVR going high when
the conversion result is output.
A first-order approximation for the equivalent analog input circuit of the THS1215 is shown in Figure 16. The
equivalent input capacitance CI is 5 pF typical. The input must charge/discharge this capacitance within the
sample period of one half of a clock cycle. When a full-scale voltage step is applied, the input source provides
the charging current through the switch resistance RSW (200 Ω) of S1 and quickly settles. In this case the input
impedance is low. Alternatively, when the source voltage equals the value previously stored on CI, the hold
capacitor requires no input current and the equivalent input impedance is high.
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com