Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1215CPWR Datasheet(PDF) 5 Page - Texas Instruments

Part # THS1215CPWR
Description  3.3-V, 12-BIT, 15 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1215CPWR Datasheet(HTML) 5 Page - Texas Instruments

  THS1215CPWR Datasheet HTML 1Page - Texas Instruments THS1215CPWR Datasheet HTML 2Page - Texas Instruments THS1215CPWR Datasheet HTML 3Page - Texas Instruments THS1215CPWR Datasheet HTML 4Page - Texas Instruments THS1215CPWR Datasheet HTML 5Page - Texas Instruments THS1215CPWR Datasheet HTML 6Page - Texas Instruments THS1215CPWR Datasheet HTML 7Page - Texas Instruments THS1215CPWR Datasheet HTML 8Page - Texas Instruments THS1215CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
THS1215
SLAS292A – MARCH 2001 – REVISED MARCH 2004
over recommended operating conditions (AV
DD = DVDD = 3.3 V, fs = 15 MHz/50% duty cycle, MODE = 1, 1-V input span,
internal reference, T
min to Tmax) (unless otherwise noted)
DIGITAL INPUTS AND OUTPUTS (all supplies = 3.3 V)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
DIGITAL INPUTS
All other inputs
0.8
× DV
DD
VIH
High level input voltage
CLK
0.8
× AV
DD
V
All other inputs
0.2
× DV
DD
VIL
Low level input voltage
CLK
0.2
× AV
DD
IIH
High level input current
1
µA
IIL
Low level input current
–1
Ci
Input capacitance
5
pF
DIGITAL OUTPUTS
VOH
High level output voltage
Iload = 50 µA
DVDD–0.4
V
VOL
Low level output voltage
Iload = –50 µA
0.4
V
High impedance output current
±1
µA
tr/tf
Rise/fall time
CL = 10 pF
4.5
ns
ANALOG INPUTS
Ci
Switched input capacitance
6
pF
td(ap)
Aperture delay time
2
ns
Aperture uncertainty (jitter)
2
ns
DC leakage current (input =
±FS)
10
µA
POWER SUPPLY (CLK = 15 MHz)
XVDD
Supply voltage (all supplies)
3
3.3
3.6
V
IDD
Supply current active - total
45
53.5
mA
I(analog)
Supply current active - analog
34
mA
I(digital)
Supply current active - digital
11
mA
II(standby)
Standby supply current
CLK = 0 MHz
10
µA
1 µF bypass(1)
770
µs
t(PU)
Power-up time for references from standby
10 µF bypass(1)
6.2
ms
t(PUconv)
Power-up time for valid ADC conversion
1 µF bypass(2)
820
ns
Clock = 15 MHz,
AIN+ and AIN– at Common
148
177
Mode or 1.65 V dc
PD
Power dissipation
mW
Clock = 15 MHz,
167
fin = 3.58 MHz at –1 dBFS
PD(STBY)
Standby power dissipation
CLK = 0 MHz
36
µW
PSRR
Power supply rejection ratio
±0.1
%FS
(1)
Time for reference to recover to 1% of its final voltage level.
(2)
Time for ADC conversions to be accurate to within 0.1% of fullscale.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com