Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1215CPWR Datasheet(PDF) 13 Page - Texas Instruments

Part # THS1215CPWR
Description  3.3-V, 12-BIT, 15 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1215CPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS1215CPWR Datasheet HTML 9Page - Texas Instruments THS1215CPWR Datasheet HTML 10Page - Texas Instruments THS1215CPWR Datasheet HTML 11Page - Texas Instruments THS1215CPWR Datasheet HTML 12Page - Texas Instruments THS1215CPWR Datasheet HTML 13Page - Texas Instruments THS1215CPWR Datasheet HTML 14Page - Texas Instruments THS1215CPWR Datasheet HTML 15Page - Texas Instruments THS1215CPWR Datasheet HTML 16Page - Texas Instruments THS1215CPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
www.ti.com
THS1215
RS
VS+
VS−
RS
RSW
RSW
CI
CI
VCM
VCM
_
+
_
+
R
S t
1
2f
CLK
C
I
In(256)
–R
SW
VIN+
VIN−
R1
R2
−
+
R1
R2
−
+
C1
C1
C2
C2
THS1215
AIN+
AIN−
REFT
REFB
AVDD
2
THS1215
SLAS292A – MARCH 2001 – REVISED MARCH 2004
Figure 16. Simplified Equivalent Input Circuit
To maintain the frequency performance outlined in the specifications, the total source impedance should be
limited to the following equation with fCLK = 15 MHz, CI = 5 pF, RSW = 200 Ω:
So, for applications running at a lower fCLK, the total source resistance can increase proportionally.
The analog input of the THS1215 is a differential input that can be configured in various ways depending on the
signal source and the required level of performance. A fully differential connection (see Figure 17) delivers the
best performance from the converter.
Figure 17. AC-Coupled Differential Input
The analog input can be dc-coupled (see Figure 18) as long as the inputs are within the analog input common
mode voltage range. For example (see Figure 18), VIN+ and VIN- are signals centered on GND with a
peak-to-peak voltage of 2 V, and the circuit in Figure 18 is used to interface it with the THS1215. Assume AVDD
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com