Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1215CPWR Datasheet(PDF) 2 Page - Texas Instruments

Part # THS1215CPWR
Description  3.3-V, 12-BIT, 15 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1215CPWR Datasheet(HTML) 2 Page - Texas Instruments

  THS1215CPWR Datasheet HTML 1Page - Texas Instruments THS1215CPWR Datasheet HTML 2Page - Texas Instruments THS1215CPWR Datasheet HTML 3Page - Texas Instruments THS1215CPWR Datasheet HTML 4Page - Texas Instruments THS1215CPWR Datasheet HTML 5Page - Texas Instruments THS1215CPWR Datasheet HTML 6Page - Texas Instruments THS1215CPWR Datasheet HTML 7Page - Texas Instruments THS1215CPWR Datasheet HTML 8Page - Texas Instruments THS1215CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
12-Bit ADC
D[11:0]
Sample
and Hold
CLK
DGND
AGND
OVRNG
CON0
Timing Circuitry
REFT REFB
Internal
Reference
Circuit
CON1
3-State
Output
Buffers
EXTREF
Configuration
Control
Circuit
DVDD
AIN+
AIN−
AVDD
OE
THS1215
SLAS292A – MARCH 2001 – REVISED MARCH 2004
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
ORDERING INFORMATION
PRODUCT
PACKAGE-
PACKAGE
SPECIFIED
PACKAGE
ORDERING
TRANSPORT
LEAD
DESIGNATOR(1)
TEMPERATURE
MARKING
NUMBER
MEDIA, QUANTITY
RANGE
THS1215
TSSOP-28
PW
0
°C TO 70°C
TH1215
THS1215 CPW
Tube, 50
THS1215
TSSOP-28
PW
0
°C TO 70°C
TH1215
THS1215 CPWR
Tape and reel, 2000
THS1215
TSSOP-28
PW
–40
°C TO 85°C
TJ1215
THS1215 IPW
Tube, 50
THS1215
TSSOP-28
PW
–40
°C TO 85°C
TJ1215
THS1215 IPWR
Tape and reel, 2000
THS1215
SOP-28
DW
0
°C TO 70°C
TH1215
THS1215 CDW
Tube, 20
THS1215
SOP-28
DW
0
°C TO 70°C
TH1215
THS1215 CDWR
Tape and reel, 1000
THS1215
SOP-28
DW
–40
°C TO 85°C
TJ1215
THS1215 IDW
Tube, 20
THS1215
SOP-28
DW
–40
°C TO 85°C
TJ1215
THS1215 IDWR
Tape and reel, 1000
(1)
For the most current specifications and package information refer to our Web site at www.ti.com.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com