Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SF641 Datasheet(PDF) 39 Page - Dialog Semiconductor

Part # AT25SF641
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF641 Datasheet(HTML) 39 Page - Dialog Semiconductor

Back Button AT25SF641 Datasheet HTML 35Page - Dialog Semiconductor AT25SF641 Datasheet HTML 36Page - Dialog Semiconductor AT25SF641 Datasheet HTML 37Page - Dialog Semiconductor AT25SF641 Datasheet HTML 38Page - Dialog Semiconductor AT25SF641 Datasheet HTML 39Page - Dialog Semiconductor AT25SF641 Datasheet HTML 40Page - Dialog Semiconductor AT25SF641 Datasheet HTML 41Page - Dialog Semiconductor AT25SF641 Datasheet HTML 42Page - Dialog Semiconductor AT25SF641 Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
38
AT25SF641
DS-25SF641–111E–3/2018
Figure 7-34. Erase Suspend instruction (QPI Mode)
7.22
Erase / Program Resume (7Ah)
The Erase/Program Resume instruction “7Ah” is to re-work the Block Erase operation or the Page Program operation
upon an Erase/Program Suspend. The Resume instruction “7Ah” will be accepted by the device only if the SUS bit in
the Status Register equals to 1 and the BUSY bit equals to 0. After issued, the SUS bit will be cleared from 1 to 0
immediately, the BUSY bit will be set from 0 to 1 within 200ns and the Block will complete the erase operation or the
page will complete the program operation. If the SUS bit equals to 0 or the BUSY bit equals to 1, the Resume
instruction “7Ah” will be ignored by the device.
Resume instruction cannot be accepted if the previous Erase/Program Suspend operation was interrupted by
unexpected power off. It is also required that a subsequent Erase/Program Suspend instruction not to be issued within a
minimum of time of “t
SUS” following a previous Resume instruction. (Please refer to Figure 7-35 and Figure 7-36).
Figure 7-35. Erase / Program Resume instruction (SPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com