Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SF641 Datasheet(PDF) 66 Page - Dialog Semiconductor

Part # AT25SF641
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF641 Datasheet(HTML) 66 Page - Dialog Semiconductor

Back Button AT25SF641 Datasheet HTML 62Page - Dialog Semiconductor AT25SF641 Datasheet HTML 63Page - Dialog Semiconductor AT25SF641 Datasheet HTML 64Page - Dialog Semiconductor AT25SF641 Datasheet HTML 65Page - Dialog Semiconductor AT25SF641 Datasheet HTML 66Page - Dialog Semiconductor AT25SF641 Datasheet HTML 67Page - Dialog Semiconductor AT25SF641 Datasheet HTML 68Page - Dialog Semiconductor AT25SF641 Datasheet HTML 69Page - Dialog Semiconductor AT25SF641 Datasheet HTML 70Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 76 page
background image
65
AT25SF641
DS-25SF641–111E–3/2018
8.
ElectricalCharacteristics
Notes:
1. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. The “Absolute Maximum
Ratings” are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Voltage extremes referenced in the “Absolute Maximum Ratings” are intended to accommodate short duration undershoot/overshoot conditions
and does not imply or guarantee functional device operation at these levels for any extended period of time.
2. Compliant with JEDEC Standard J-STD-20C for small body Sn-Pb or Pb-free (Green) assembly and the European directive on restrictions
on hazardous substances (RoHS) 2002/95/EU.
3. JEDEC Std JESD22-A114A (C1=100pF, R1=1500 ohms, R2=500 ohms).
8.1
Absolute Maximum Ratings(1)
Parameter
Symbol
Conditions
Range
Units
Supply Voltage
VCC
-
0.6 to VCC+0.4
V
Voltage Applied to Any Pin
VIO
Relative to Ground
-0.6 to VCC +0.4
V
Transient Voltage on any Pin
VIOT
<20nS Transient
Relative to Ground
-
1.0V to VCC +1.0V
V
Storage Temperature
TSTG
-
65
to +150
˚C
Lead Temperature
TLEAD
See Note(2)
˚C
Electrostatic Discharge
Voltage
VESD
Human
Body Model(3)
-
2000 to +2000
V
8.2
Operating Ranges
Parameter
Symbol
Conditions
Min
Max
Units
Erase/Program
Cycles
VCC
FR = 104MHz (Single/Dual/Quad SPI)
fR = 50MHz (Read Data 03h)
2.7
3.6
V
Ambient Operating
Temperature
TA
Industrial
-40
+85
˚C
8.3
Endurance and Data Retention
Parameter
Symbol
Conditions
Min
Erase/Program Cycles
4KB Block, 32/64KB block or full chip.
100,000
Cycles
Data Retention
Full Temperature Range
20
years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com