Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SF641 Datasheet(PDF) 17 Page - Dialog Semiconductor

Part # AT25SF641
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF641 Datasheet(HTML) 17 Page - Dialog Semiconductor

Back Button AT25SF641 Datasheet HTML 13Page - Dialog Semiconductor AT25SF641 Datasheet HTML 14Page - Dialog Semiconductor AT25SF641 Datasheet HTML 15Page - Dialog Semiconductor AT25SF641 Datasheet HTML 16Page - Dialog Semiconductor AT25SF641 Datasheet HTML 17Page - Dialog Semiconductor AT25SF641 Datasheet HTML 18Page - Dialog Semiconductor AT25SF641 Datasheet HTML 19Page - Dialog Semiconductor AT25SF641 Datasheet HTML 20Page - Dialog Semiconductor AT25SF641 Datasheet HTML 21Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 76 page
background image
16
AT25SF641
DS-25SF641–111E–3/2018
Table 7-4.
Instruction Set Table 3 (Quad SPI Instructions)
Instruction Name
Byte 0
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
(Clock Number)
(0 – 7)
(8 - 15)
(16 - 23)
(24 - 31)
(32 - 39)
(40 - 47)
Fast Read Quad Output
6Bh
A23-A16
A15-A8
A7-A0
dummy
(D7-D0) (8)
Fast Read Quad I/O
EBh
A23-A0,
M7-M0
(7)
(xxx, D7-D0,T)
(9)
(D7-D0, T)
(8)
Quad Page Program
33h
A23-A0
(D7-D0, T)
(8)
Read Quad
Manufacturer /Device ID
(4)
94h
(00_0000h, xx)
or
(00_0001h, xx)
(xxxx,
MID7-MID0) (xxxx,
DID7-DID0)
(9)
Word Read Quad I/O
E7h
A23-A0,
M7-M0
(7)
(xx, D7-D0)
(D7-D0)
(8)
Set Burst with Wrap
77h
xxxxxx, W6-W4
(7)
Table 7-5.
Instruction Set Table 4 (QPI Instructions)
Instruction Name
Byte 0
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
Byte 7
Byte 8
(Clock Number)
(0 - 7)
(8 - 15)
(16 - 23)
(24 - 31)
(32 - 39)
(40 - 47) (48 - 55) (56 - 63) (64 - 71)
Write Enable
06h
Write Enable for Volatile
50h
Write Disable
04h
Read Status Register-1
05h
(SR7-
SR0)
(2)
Read Status Register-2
35h
(SR15-
SR8)
(2)
Write Status Register-1
(5)
01h
(SR7-
SR0)
(SR15-
SR8)
Write Status Register-2
31h
(SR15-
SR8)
Fast Read
Data
>80MHz
0Bh
A23-A16
A15-A8
A7-A0
dummy
dummy
(D7-D0)
>104MHz
A23-A16
A15-A8
A7-A0
dummy
dummy
dummy
(D7-
D0)
Page Program
02h
A23-A16
A15-A8
A7-A0
(D7-D0)(3)
Block Erase(4KB)
20h
A23-A16
A15-A8
A7-A0
Block Erase(32KB)
52h
A23-A16
A15-A8
A7-A0
Block Erase(64KB)
D8h
A23-A16
A15-A8
A7-A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com