Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SF641 Datasheet(PDF) 32 Page - Dialog Semiconductor

Part # AT25SF641
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF641 Datasheet(HTML) 32 Page - Dialog Semiconductor

Back Button AT25SF641 Datasheet HTML 28Page - Dialog Semiconductor AT25SF641 Datasheet HTML 29Page - Dialog Semiconductor AT25SF641 Datasheet HTML 30Page - Dialog Semiconductor AT25SF641 Datasheet HTML 31Page - Dialog Semiconductor AT25SF641 Datasheet HTML 32Page - Dialog Semiconductor AT25SF641 Datasheet HTML 33Page - Dialog Semiconductor AT25SF641 Datasheet HTML 34Page - Dialog Semiconductor AT25SF641 Datasheet HTML 35Page - Dialog Semiconductor AT25SF641 Datasheet HTML 36Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 76 page
background image
31
AT25SF641
DS-25SF641–111E–3/2018
number of clocks cannot exceed the remaining page length. If more than 256 bytes are sent to the device the addressing
will wrap to the beginning of the page and overwrite previously sent data
The CS pin must be driven high after the eighth bit of the last byte has been latched. If this is not done the Page
Program instruction will not be executed. After CS is driven high, the self-timed Page Program instruction will
commence for a time duration of tPP (See Section 8.7, AC Electrical Characteristics).
While the Page Program cycle is in progress, the Read Status Register instruction may still be accessed for checking the
status of the BUSY bit. The BUSY bit is a 1 during the Page Program cycle and becomes a 0 when the cycle is finished
and the device is ready to accept other instructions again. When the BUSY bit is asserted, the Write Enable Latch (WEL)
bit in the Status Register is cleared to 0. The Page Program instruction is not executed if the addressed page is
protected by the Protect (CMP, SEC, TB, BP2, BP1 and BP0) bits.
Figure 7-22. Page Program Instruction (SPI Mode)
Figure 7-23. Page Program Instruction (QPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com