Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SF641 Datasheet(PDF) 37 Page - Dialog Semiconductor

Part # AT25SF641
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF641 Datasheet(HTML) 37 Page - Dialog Semiconductor

Back Button AT25SF641 Datasheet HTML 33Page - Dialog Semiconductor AT25SF641 Datasheet HTML 34Page - Dialog Semiconductor AT25SF641 Datasheet HTML 35Page - Dialog Semiconductor AT25SF641 Datasheet HTML 36Page - Dialog Semiconductor AT25SF641 Datasheet HTML 37Page - Dialog Semiconductor AT25SF641 Datasheet HTML 38Page - Dialog Semiconductor AT25SF641 Datasheet HTML 39Page - Dialog Semiconductor AT25SF641 Datasheet HTML 40Page - Dialog Semiconductor AT25SF641 Datasheet HTML 41Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 76 page
background image
36
AT25SF641
DS-25SF641–111E–3/2018
Figure 7-31. 64KB Block Erase Instruction (QPI Mode)
7.20
Chip Erase (C7h / 60h)
The Chip Erase instruction clears all bits in the device to be FFh (all 1s). Prior to the Chip Erase Instruction, a Write
Enable instruction must be issued. The instruction is initiated by driving the CS pin low and shifting the instruction code
“C7h” or “60h”. (Please refer to Figure 7-32). The CS pin must go high after the eighth bit of the last byte has been
latched in, otherwise, the Chip Erase instruction will not be executed. After CS is driven high, the self-timed Chip Erase
instruction will commence for a duration of t
CE (See Section 8.7, AC Electrical Characteristics).
While the Chip Erase cycle is in progress, the Read Status Register instruction may still be accessed to check the status
of the BUSY bit. The BUSY bit is a 1 during the Chip Erase cycle and becomes a 0 when the cycle is finished and the
device is ready to accept other instructions again. When the BUSY bit is asserted, the Write Enable Latch (WEL) bit in
the Status Register is cleared to 0. The Chip erase instruction is not executed if any page is protected by the Protect
(CMP, SEC, TB, BP2, BP1 and BP0) bits.
Figure 7-32. Chip Erase Instruction for SPI Mode (left) and QPI Mode (right)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com