Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SF641 Datasheet(PDF) 12 Page - Dialog Semiconductor

Part # AT25SF641
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF641 Datasheet(HTML) 12 Page - Dialog Semiconductor

Back Button AT25SF641 Datasheet HTML 8Page - Dialog Semiconductor AT25SF641 Datasheet HTML 9Page - Dialog Semiconductor AT25SF641 Datasheet HTML 10Page - Dialog Semiconductor AT25SF641 Datasheet HTML 11Page - Dialog Semiconductor AT25SF641 Datasheet HTML 12Page - Dialog Semiconductor AT25SF641 Datasheet HTML 13Page - Dialog Semiconductor AT25SF641 Datasheet HTML 14Page - Dialog Semiconductor AT25SF641 Datasheet HTML 15Page - Dialog Semiconductor AT25SF641 Datasheet HTML 16Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 76 page
background image
11
AT25SF641
DS-25SF641–111E–3/2018
6.4
Top/Bottom Block protect (TB)
The Top/Bottom bit (TB) is non-volatile bits in the status register (S5) that controls if the Block Protect Bits (BP2, BP1, BP0)
protect from the Top (TB = 0) or the Bottom (TB = 1) of the array as shown in the Status Register Memory Protection table. The
factory default setting is TB = 0. The TB bit can be set with the Write Status Register Instruction depending on the state of the
SRP0, SRP1 and WEL bits.
6.5
Sector/Block Protect (SEC)
The Sector protect bit (SEC) is non-volatile bits in the status register (S6) that controls if the Block Protect Bits (BP2, BP1, BP0)
protect 4KB Sectors (SEC = 1) or 64KB Blocks (SEC = 0) in the Top (TB = 0) or the Bottom (TB = 1) of the array as shown in the
Status Register Memory protection table. The default setting is SEC = 0.
6.6
Status Register Protect (SRP1, SRP0)
The Status Register Protect bits (SRP1 and SRP0) are non-volatile read/write bits in the status register (S8 and S7). The
SRP bits control the method of write protection: software protection, hardware protection, power supply lock-down or one time
programmable (OTP) protection.
6.7
Quad Enable (QE)
The Quad Enable (QE) bit is a non-volatile read/write bit in the status register (S9) that allows Quad operation.
When the QE bit is set to a 0 state (factory default) the WP pin and HOLD are enabled. When the QE pin is set to a 1 the
Quad IO2 and IO3 pins are enabled. WARNING: The QE bit should never be set to a 1 during standard SPI or Dual
SPI operation if the WP or HOLD pins are tied directly to the power supply or ground.
6.8
Complement Protect (CMP)
The Complement Protect bit (CMP) is a non-volatile read/write bit in the status register (S14). It is used in conjunction
with SEC, TB, BP2, BP1 and BP0 bits to provide more flexibility for the array protection. Once CMP is set to 1, previous
array protection set by SEC, TB, BP2, BP1 and BP0 is reversed. For instance, when CMP = 0, a top 4KB sector can be
protected while the rest of the array is not; when CMP = 1, the top 4KB sector will become unprotected while the rest of
the array become read-only. Please refer to the Status Register Memory Protection table for details. The default setting is
CMP = 0.
Table 6-3.
Encoding of SRP and WP Bits
SRP1
SRP0
WP
Status
Register
Description
0
0
X
Software
Protection
WP pin no control. The register can be written to and is not affected
by the state of the WP pin.
0
1
0
Hardware
Protected
When WP pin is low the Status Register locked and cannot be
written to.
0
1
1
Hardware
Unprotected
When WP pin is high the Status register is unlocked and can be
written to after a Write Enable instruction, WEL=1
1
0
X
Power Supply
Lock-Down
Status Register is protected and cannot be written to again until
the next power down, power-up cycle. (1)
1.
When SRP1, SRP0=(1,0), a power down, power-up cycle will change SRP1, SRP0 to(0,0) state.
1
1
X
One Time
Program
Status Register is permanently protected and cannot be written to.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com