Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SF641 Datasheet(PDF) 47 Page - Dialog Semiconductor

Part # AT25SF641
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF641 Datasheet(HTML) 47 Page - Dialog Semiconductor

Back Button AT25SF641 Datasheet HTML 43Page - Dialog Semiconductor AT25SF641 Datasheet HTML 44Page - Dialog Semiconductor AT25SF641 Datasheet HTML 45Page - Dialog Semiconductor AT25SF641 Datasheet HTML 46Page - Dialog Semiconductor AT25SF641 Datasheet HTML 47Page - Dialog Semiconductor AT25SF641 Datasheet HTML 48Page - Dialog Semiconductor AT25SF641 Datasheet HTML 49Page - Dialog Semiconductor AT25SF641 Datasheet HTML 50Page - Dialog Semiconductor AT25SF641 Datasheet HTML 51Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 76 page
background image
46
AT25SF641
DS-25SF641–111E–3/2018
7.28
Enable QPI (38h)
The AT25SF641 support both Standard/Dual/Quad Serial Peripheral interface (SPI) and Quad Peripheral Interface
(QPI). However, SPI mode and QPI mode cannot be used at the same time. The ‘Enable QPI’ instruction is the only way
to switch the device from SPI mode to QPI mode.
In order to switch the device to QPI mode, the Quad Enable (QE) bit in Status Register 2 must be set to 1 first, and an
Enable QPI instruction must be issued. If the Quad Enable (QE) bit is 0, the Enable QPI instruction will be ignored and
the device will remain in SPI mode.
After power-up, the default state of the device is SPI mode. See the instruction Set Table 7-2 for all the commands
supported in SPI mode and the instruction Set Table 7-5 for all the instructions supported in QPI mode.
When the device is switched from SPI mode to QPI mode, the existing Write Enable and Program/Erase Suspend status,
and the Wrap Length setting will remain unchanged.
Figure 7-48. Enable QPI instruction (SPI Mode only)
7.29
Disable QPI (FFh)
By issuing Disable QPI (FFh) instruction, the device is reset SPI mode. When the device is switched from QPI mode to
SPI mode, the existing Write Enable Latch (WEL) and Program/Erase Suspend status, and the Wrap Length setting
remains unchanged.
Figure 7-49. Disable QPI instruction for QPI mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com