Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SF641 Datasheet(PDF) 22 Page - Dialog Semiconductor

Part # AT25SF641
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF641 Datasheet(HTML) 22 Page - Dialog Semiconductor

Back Button AT25SF641 Datasheet HTML 18Page - Dialog Semiconductor AT25SF641 Datasheet HTML 19Page - Dialog Semiconductor AT25SF641 Datasheet HTML 20Page - Dialog Semiconductor AT25SF641 Datasheet HTML 21Page - Dialog Semiconductor AT25SF641 Datasheet HTML 22Page - Dialog Semiconductor AT25SF641 Datasheet HTML 23Page - Dialog Semiconductor AT25SF641 Datasheet HTML 24Page - Dialog Semiconductor AT25SF641 Datasheet HTML 25Page - Dialog Semiconductor AT25SF641 Datasheet HTML 26Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 76 page
background image
21
AT25SF641
DS-25SF641–111E–3/2018
cycle is finished and ready to accept other instructions again. When the BUSY bit is asserted, the Write Enable Latch
(WEL) bit in Status Register will be cleared to 0.
Figure 7-6.
Write Status Register Instruction (SPI Mode)
Figure 7-7.
Write Status Register Instruction (QPI Mode)
7.7
Write Status Register-2 (31h)
The Write Status Register-2 instruction is to write only non-volatile Status Register-2 bits (CMP, QE and SRP1).
A Write Enable instruction must previously have been issued prior to setting Write Status Register Instruction (Status
Register bit WEL must equal 1). Once write is enabled, the instruction is entered by driving CS low, sending the
instruction code, and then writing the status register data byte as illustrated in Figure 7-8 and Figure 7-9.
Using Write Status Register-2 (31h) instruction, software can individually access each one-byte status registers via different
instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com