Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SF641 Datasheet(PDF) 72 Page - Dialog Semiconductor

Part # AT25SF641
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF641 Datasheet(HTML) 72 Page - Dialog Semiconductor

Back Button AT25SF641 Datasheet HTML 68Page - Dialog Semiconductor AT25SF641 Datasheet HTML 69Page - Dialog Semiconductor AT25SF641 Datasheet HTML 70Page - Dialog Semiconductor AT25SF641 Datasheet HTML 71Page - Dialog Semiconductor AT25SF641 Datasheet HTML 72Page - Dialog Semiconductor AT25SF641 Datasheet HTML 73Page - Dialog Semiconductor AT25SF641 Datasheet HTML 74Page - Dialog Semiconductor AT25SF641 Datasheet HTML 75Page - Dialog Semiconductor AT25SF641 Datasheet HTML 76Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 72 / 76 page
background image
71
AT25SF641
DS-25SF641–111E–3/2018
9.
Ordering Information
9.1
Ordering Code Detail
A T 2 5 S
6 4
S
B
U
T
1
–
–
F
Designator
Product Family
Device Density
641 = 64-megabit
Package Option
M = 8-pad, 5 x 6 x 0.75 mm DFN
S = 8-lead, 0.208" wide SOIC
CC = 1 mm pitch BGA
U = 0.5mm pitch dBGA
DWF = Die in Wafer Form
Device Grade
U = Green, Matte Sn or Sn alloy,
Industrial temperature range
(–40°C to +85°C)
Shipping Carrier Option
T = Tape and reel
Operating Voltage
B =
2.7V to 3.6V
A
Device Revision
Ordering Code (1)
Package
Lead Finish
Operating
Voltage
Max. Freq.
(MHz)
Operation Range
AT25SF641-MHB-T
8MA1
SnAgCu
2.7V-3.6V
104 MHz
-40
℃ to 85℃
(Industrial
Temperature Range)
AT25SF641-SUB-T
8S4
AT25SF641-DWF (2)
DWF
1.
The shipping carrier option code is not marked on the devices.
2.
Contact Adesto for mechanical drawing or sales information.
Package Type
8S4
8-lead, 0.208" Wide, Plastic Gull Wing Small Outline Package (EIAJ SOIC)
8MA1
8-pad (5 x 6 x 0.6 mm body), Thermally Enhanced Plastic Ultra-Thin Dual Flat No-lead (UDFN)
DWF
Die in Wafer Form



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com