Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8420ACPZ-R5 Datasheet(PDF) 3 Page - Analog Devices

Part # ADMV8420ACPZ-R5
Description  10 GHz to 21.7 GHz, Tunable Band-Pass Filter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8420ACPZ-R5 Datasheet(HTML) 3 Page - Analog Devices

  ADMV8420ACPZ-R5 Datasheet HTML 1Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 2Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 3Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 4Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 5Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 6Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 7Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 8Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Data Sheet
ADMV8420
Rev. B | Page 3 of 14
SPECIFICATIONS
TA = 25°C and center frequency control voltage (VFCTL) is swept from 0 V to 15 V.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
fCENTER
11.1
19.6
GHz
3 dB fCORNER
10
21.7
GHz
BANDWIDTH
3 dB
20
%
REJECTION
Low-Side
0.8 × fCENTER
GHz
≥20 dB
High-Side
1.2 × fCENTER
GHz
≥20 dB
Reentry
2.3 × fCENTER
GHz
≤30 dB
LOSS
Insertion Loss
5
dB
Return Loss
8.5
dB
DYNAMIC PERFORMANCE
Input Power at 5° Shift in Insertion Phase (VFCTL = 0 V)
10
dBm
Input Third-Order Intercept (IP3)
31
dBm
Group Delay
0.5
ns
Phase Sensitivity
1.3
Rad/V
At VFCTL = 7 V
Amplitude Settling
200
ns
Time to settle to minimum insertion loss,
within ≤0.5 dB of static insertion loss
Drift Rate
−1.1
MHz/°C
RESIDUAL PHASE NOISE
1 MHz Offset
−161
dBc/Hz
TUNING
VFCTL
0
15
V
Center Frequency Control Current (IFCTL)
±1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com