Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8420ACPZ-R5 Datasheet(PDF) 11 Page - Analog Devices

Part # ADMV8420ACPZ-R5
Description  10 GHz to 21.7 GHz, Tunable Band-Pass Filter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8420ACPZ-R5 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADMV8420ACPZ-R5 Datasheet HTML 6Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 7Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 8Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 9Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 10Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 11Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 12Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 13Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Data Sheet
ADMV8420
Rev. B | Page 11 of 14
APPLICATIONS INFORMATION
TYPICAL APPLICATION CIRCUIT
Figure 26 shows the typical application circuit for the ADMV8420.
The RFIN and RFOUT pins are dc-coupled and external voltage
must not be applied. It is recommended to install 100 pF series
capacitors (C1 and C2) on the RF traces to prevent any prestage
or poststage interaction with the filter.
On the VFCTL control port, the C3 decoupling capacitor is
shown with 100 pF as the typical value. However, the selection
of the C3 capacitor is determined based on the system design
criteria for phase noise and tuning speed. That is, there is a
baseband noise characteristic for a particular control voltage,
which can translate into additive phase noise within the filter.
Minimizing baseband noise on the control voltage can be done
by capacitive means at the expense of voltage rise time, which
impacts the tuning speed of the filter. Carefully consider the
control voltage baseband noise and rise time performance to
ensure that system performance metrics are met.
VFCTL
C2
100pF
C1
100pF
C3
100pF
RFOUT
RFIN
2
1
3
4
5
6
18
17
16
15
14
13
ADMV8420
PACKAGE
BASE
GND
Figure 26. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com