Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8420ACPZ-R5 Datasheet(PDF) 13 Page - Analog Devices

Part # ADMV8420ACPZ-R5
Description  10 GHz to 21.7 GHz, Tunable Band-Pass Filter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8420ACPZ-R5 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADMV8420ACPZ-R5 Datasheet HTML 6Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 7Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 8Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 9Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 10Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 11Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 12Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 13Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Data Sheet
ADMV8420
Rev. B | Page 13 of 14
4 3 2
ADMV8420
U1
1
3
4
NIC
RFIN
2
GND
GND
5
NIC
17
16
15
GND
18
NIC
RFOUT
GND
14
NIC
2 3 4
1
+
1
AGND
AGND
AGND
1492-04A-5
1492-04A-5
1492-04A-5
J2
J1
DNI
DNI
DNI
DNI
AGND
P
N
C9
4.7µF
AGND
C7
1000pF
AGND
C6
100pF
DNI
DNI
DNI
AGND
C4
100pF
AGND
C3
1000pF
+
AGND
P
N
C1
4.7µF
6
NIC
13
NIC
J5
WHT
DNI
J8
WHT
AGND
C2
100pF
AGND
C5
1000pF
+
AGND
P
N
C8
4.7µF
J7
WHT
Figure 29. ADMV8420-EVALZ Evaluation Board Schematic
Table 4. Bill of Materials for the ADMV8420-EVALZ
Reference Designator
Description
J1 and J2
PCB mount, southwest 2.4 mm connector
J7 and GND
Test points
C2
Capacitor, 100 pF, 0402
C5
Capacitor, 1000 pF, 0603
C8
Capacitor, 4.7 µF, 3216
U1
ADMV8420
PCB1
08-0512982 evaluation PCB
1
Circuit board material is Arlon 25FR or Rogers 25FR. Rogers 4350 is the laminate on top of Arlon 25FR or Rogers 25FR.
2
The raw, bare PCB identifier is 08-051298.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com