Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8420ACPZ-R5 Datasheet(PDF) 6 Page - Analog Devices

Part # ADMV8420ACPZ-R5
Description  10 GHz to 21.7 GHz, Tunable Band-Pass Filter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8420ACPZ-R5 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADMV8420ACPZ-R5 Datasheet HTML 2Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 3Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 4Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 5Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 6Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 7Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 8Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 9Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ADMV8420
Data Sheet
Rev. B | Page 6 of 14
TYPICAL PERFORMANCE CHARACTERISTICS
0
–80
–70
–60
–50
–40
–30
–20
–10
0
5
10
15
20
25
30
35
40
RF FREQUENCY (GHz)
0V
7V
15V
Figure 7. Broadband Insertion Loss vs. RF Frequency at Various Voltages
0
–30
–25
–20
–15
–10
–5
5
10
15
20
25
30
RF FREQUENCY (GHz)
0V
7V
15V
Figure 8. Insertion Loss vs. RF Frequency at Various Voltages
0
–30
–25
–20
–15
–10
–5
5
10
15
20
25
30
RF FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 9. Minimum Insertion Loss vs. RF Frequency at Various Temperatures,
VFCTL = 7 V
–40
–35
–30
–25
–20
–15
–10
–5
0
0
5
10
15
20
25
30
35
40
RF FREQUENCY (GHz)
S11, 0V
S22, 0V
S11, 7V
S22, 7V
S11, 15V
S22, 15V
Figure 10. Broadband Return Loss vs. RF Frequency at Various Sxx and Voltages
–40
–35
–30
–25
–20
–15
–10
–5
0
7
9
11
13
15
17
19
21
23
25
27
RF FREQUENCY (GHz)
S11, 0V
S22, 0V
S11, 7V
S22, 7V
S11, 15V
S22, 15V
Figure 11. Return Loss vs. RF Frequency at Various Sxx and Voltages
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
10
12
14
16
18
20
22
24
26
28
30
RF FREQUENCY (GHz)
S11, –40°C
S22, –40°C
S11, +25°C
S22, +25°C
S11, +85°C
S22, +85°C
Figure 12. Return Loss vs. RF Frequency at Various Temperatures, VFCTL = 7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com