Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8420ACPZ-R5 Datasheet(PDF) 8 Page - Analog Devices

Part # ADMV8420ACPZ-R5
Description  10 GHz to 21.7 GHz, Tunable Band-Pass Filter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8420ACPZ-R5 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADMV8420ACPZ-R5 Datasheet HTML 4Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 5Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 6Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 7Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 8Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 9Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 10Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 11Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ADMV8420
Data Sheet
Rev. B | Page 8 of 14
0
200
400
600
800
1000
1200
0
1
2
3
4
5
6
7
8
9
10
11 12 13 14 15
VFCTL (V)
–40°C
+25°C
+85°C
Figure 19. Tuning Sensitivity vs. VFCTL at Various Temperatures
0
0.2
0.4
0.6
0.8
1.0
0
1
2
3
4
5
6
7
8
9
10
11 12 13 14 15
VFCTL (V)
–40°C
+25°C
+85°C
Figure 20. Group Delay vs. VFCTL at Various Temperatures
–180
–160
–140
–120
–100
–110
–130
–150
–170
10
100
1k
10k
100k
1M
10M
100M
OFFSET FREQUENCY (Hz)
0V
7V
15V
Figure 21. Residual Phase Noise vs. Offset Frequency at Various VFCTL Voltages
0.2
0.3
0.4
0.5
0.6
0.7
0.8
8
9
11 12
14 15 16
24
10
13
17 18 19 20 21 22 23
25
RF FREQUENCY (GHz)
0V
7V
15V
Figure 22. Group Delay vs. RF Frequency at Various Voltages
0
5
10
15
20
25
30
35
40
0
1
2
3
4
5
6
7
8
9
10
11 12 13 14 15
VFCTL (V)
–40°C
+25°C
+85°C
Figure 23. Input IP3 vs. VFCTL at Various Temperatures, PIN = 20 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com