Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8420ACPZ-R5 Datasheet(PDF) 1 Page - Analog Devices

Part # ADMV8420ACPZ-R5
Description  10 GHz to 21.7 GHz, Tunable Band-Pass Filter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8420ACPZ-R5 Datasheet(HTML) 1 Page - Analog Devices

  ADMV8420ACPZ-R5 Datasheet HTML 1Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 2Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 3Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 4Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 5Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 6Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 7Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 8Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
10 GHz to 21.7 GHz, Tunable
Band-Pass Filter
Data Sheet
ADMV8420
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2019–2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Amplitude settling time: 200 ns
Wideband rejection: ≥20 dB
Single-chip implementation
24-lead, 4 mm × 4 mm, RoHS-compliant LFCSP
APPLICATIONS
Test and measurement equipment
Military radar and electronic warfare systems
Very small aperture terminal (VSAT) communications
FUNCTIONAL BLOCK DIAGRAM
2
1
3
4
5
6
18
17
16
15
14
13
NIC
NIC
GND
RFIN
GND
NIC
NIC
NIC
GND
RFOUT
GND
NIC
ADMV8420
NIC = NOT INTERNALLY CONNECTED.
PACKAGE
BASE
GND
Figure 1.
GENERAL DESCRIPTION
The ADMV8420 is a monolithic microwave integrated circuit
(MMIC), tunable band-pass filter that features a user-selectable
pass band frequency. The 3 dB filter bandwidth is approximately
20%, and the 20 dB filter bandwidth is approximately 40%.
Additionally, the center frequency (fCENTER) varies between
11.1 GHz to 19.6 GHz by applying a center frequency control
voltage between 0 V to 15 V. The usable pass band corner
frequencies (fCORNER) span from 10 GHz to 21.7 GHz. This tunable
filter is a smaller alternative to switched filter banks and cavity
tuned filters. The ADMV8420 has minimal microphonics due
to the monolithic design and provides a dynamically adjustable
solution in advanced communications applications.


Similar Part No. - ADMV8420ACPZ-R5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMV8416 AD-ADMV8416 Datasheet
567Kb / 16P
6.3 GHz to 18 GHz, Tunable Band-Pass Filter
10/2020-Rev. 0 to Rev. A
ADMV8416-EVALZ AD-ADMV8416-EVALZ Datasheet
567Kb / 16P
6.3 GHz to 18 GHz, Tunable Band-Pass Filter
10/2020-Rev. 0 to Rev. A
ADMV8416ACPZ AD-ADMV8416ACPZ Datasheet
567Kb / 16P
6.3 GHz to 18 GHz, Tunable Band-Pass Filter
10/2020-Rev. 0 to Rev. A
ADMV8416ACPZ-R5 AD-ADMV8416ACPZ-R5 Datasheet
567Kb / 16P
6.3 GHz to 18 GHz, Tunable Band-Pass Filter
10/2020-Rev. 0 to Rev. A
ADMV8432 AD-ADMV8432 Datasheet
587Kb / 17P
15.1 GHz to 32 GHz, Tunable Band-Pass Filter
3/2021-Rev. 0 to Rev. A
More results

Similar Description - ADMV8420ACPZ-R5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC891LP5E HITTITE-HMC891LP5E_09 Datasheet
689Kb / 8P
FILTER - TUNABLE, BAND PASS SMT 2.0 - 3.9 GHz
HMC890LP5E_1007 HITTITE-HMC890LP5E_1007 Datasheet
1Mb / 8P
FILTER - TUNABLE, BAND PASS SMT 1 - 2 GHz
HMC896LP4E HITTITE-HMC896LP4E Datasheet
939Kb / 8P
FILTER - TUNABLE, BAND PASS SMT 10 - 18 GHz
HMC899 HITTITE-HMC899 Datasheet
907Kb / 8P
FILTER - TUNABLE, BAND PASS 19 - 38 GHz
logo
Analog Devices
HMC890ALP5E AD-HMC890ALP5E Datasheet
486Kb / 11P
1.0 GHz to 1.9 GHz Tunable Band-Pass Filter
8/2018-Revision 0
HMC891ALP5E AD-HMC891ALP5E Datasheet
546Kb / 11P
1.95 GHz to 3.4 GHz, Tunable Band-Pass Filter
9/2018-Revision 0
ADMV8416 AD-ADMV8416 Datasheet
567Kb / 16P
6.3 GHz to 18 GHz, Tunable Band-Pass Filter
10/2020-Rev. 0 to Rev. A
ADMV8432 AD-ADMV8432 Datasheet
587Kb / 17P
15.1 GHz to 32 GHz, Tunable Band-Pass Filter
3/2021-Rev. 0 to Rev. A
ADMV8526 AD-ADMV8526 Datasheet
1Mb / 31P
1.25 GHz to 2.60 GHz Digitally Tunable Band-Pass Filter
Rev. 0
ADMV8440CHIPS AD-ADMV8440CHIPS Datasheet
662Kb / 14P
20 GHz to 40 GHz, Tunable Band-Pass Filter
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com