Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8420ACPZ-R5 Datasheet(PDF) 10 Page - Analog Devices

Part # ADMV8420ACPZ-R5
Description  10 GHz to 21.7 GHz, Tunable Band-Pass Filter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8420ACPZ-R5 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADMV8420ACPZ-R5 Datasheet HTML 6Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 7Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 8Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 9Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 10Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 11Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 12Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 13Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ADMV8420
Data Sheet
Rev. B | Page 10 of 14
THEORY OF OPERATION
The ADMV8420 is a MMIC band-pass filter that features a
user-selectable pass band frequency. Varying the applied analog
tuning voltage between 0 V and 15 V at VFCTL varies the fCENTER
between 11.1 GHz and 19.6 GHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com