Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8420ACPZ-R5 Datasheet(PDF) 12 Page - Analog Devices

Part # ADMV8420ACPZ-R5
Description  10 GHz to 21.7 GHz, Tunable Band-Pass Filter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8420ACPZ-R5 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADMV8420ACPZ-R5 Datasheet HTML 6Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 7Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 8Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 9Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 10Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 11Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 12Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 13Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
ADMV8420
Data Sheet
Rev. B | Page 12 of 14
EVALUATION PRINTED CIRCUIT BOARD (PCB)
All RF traces are routed on Layer 1 (primary side). The remaining
three layers are ground planes that provide a solid ground for RF
transmission lines, as shown in Figure 27. The top dielectric
material is Rogers 4350, which offers low loss performance. The
prepreg material in Layer 2 attaches the Isola 370HR core layer to
copper traces layers. Both the prepreg material and the Isola 370HR
core layer achieve the required board finish thickness.
NOMINAL
FINISHED
BOARD
THICKNESS 0.062"
±10%
PRIMARY SILKSCREEN
PRIMARY SOLDER MASK
PRIMARY SIDE
(LAYER 1)
L2_GND PLANE
(LAYER 2)
L3_GND PLANE
(LAYER 3)
SECONDARY SIDE (LAYER 4)
0.5oz Cu
ARLON OR ROGERS CORE 10MILS ±1MIL (CRITICAL)
0.5oz Cu
PREPREG AS REQUIRED
0.5oz Cu
370HR
0.5oz Cu
Figure 27. The Cross Sectional View of the ADMV8420-EVALZ PCB Layers
The circuit board in this application uses RF circuit design
techniques. Signal lines must have 50 Ω impedance. The package
ground leads and exposed pad must connect directly to the ground
plane (see Figure 27). A sufficient number of via holes connect the
top and bottom ground planes. The evaluation circuit board
shown in Figure 28 is available from Analog Devices, Inc. upon
request.
Figure 28. Evaluation PCB Layout, Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com