Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8420ACPZ-R5 Datasheet(PDF) 7 Page - Analog Devices

Part # ADMV8420ACPZ-R5
Description  10 GHz to 21.7 GHz, Tunable Band-Pass Filter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8420ACPZ-R5 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADMV8420ACPZ-R5 Datasheet HTML 3Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 4Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 5Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 6Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 7Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 8Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 9Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 10Page - Analog Devices ADMV8420ACPZ-R5 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Data Sheet
ADMV8420
Rev. B | Page 7 of 14
0
5
10
15
20
25
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15
VFCTL (V)
–40°C
+25°C
+85°C
Figure 13. fCENTER vs. VFCTL at Various Temperatures
0
5
10
15
20
25
30
0
1
2
3
4
5
6
7
8
9
10
11 12 13 14 15
VFCTL (V)
–40°C
+25°C
+85°C
Figure 14. 3 dB Bandwidth vs. VFCTL at Various Temperatures
0.70
0.75
0.80
0.85
0.90
0.95
1.00
0
1
2
3
4
5
6
7
8
9
10
11 12 13 14 15
VFCTL (V)
–40°C
+25°C
+85°C
Figure 15. Low-Side Rejection Ratio vs. VFCTL at Various Temperatures
0
–12
–10
–8
–6
–4
–2
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14
15
VFCTL (V)
–40°C
+25°C
+85°C
Figure 16. Minimum Insertion Loss vs. VFCTL at Various Temperatures
–15
–12
–9
–6
–3
0
0
1
2
3
4
5
6
7
8
9
10
11 12 13 14 15
VFCTL (V)
–40°C
+25°C
+85°C
Figure 17. Maximum Return Loss in a 2 dB Bandwidth vs. VFCTL at Various
Temperatures
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
0
1
2
3
4
5
6
7
8
9
10
11 12 13 14 15
VFCTL (V)
–40°C
+25°C
+85°C
Figure 18. High-Side Rejection Ratio vs. VFCTL at Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com