Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM3027BCBZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADUCM3027BCBZ-R7
Description  Ultra Low Power Arm Cortex-M3 MCU with Integrated Power Management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM3027BCBZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADUCM3027BCBZ-R7 Datasheet HTML 29Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 30Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 31Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 32Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 33Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 34Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 35Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 36Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
Data Sheet
ADuCM3027/ADuCM3029
Rev. B | Page 33 of 39
APPLICATIONS INFORMATION
This section contains circuit diagrams that show the
recommended external components for proper operation of the
ADuCM3027/ADuCM3029 in example application scenarios.
0.1µF
0.1µF
ADuCM3027/ADuCM3029/
ADuCM3029-1/ADuCM3029-2
0.47µF
0.47µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
VBAT
RTC1_SS1
PAD
GND_ANA
P0_00
P0_01
P0_02
P0_03
P1_10
P0_14
P0_11
P1_02
P1_03
P1_04
P1_05
P2_01
P0_13
P0_15
VBAT_DIG2
GND_DIG
P1_00
P0_14
P2_02
P1_14
p1_13
P1_12
P1_11
P0_08
P0_09
P1_01
P1_15
P2_00
P0_12
VBAT_DIG1
P2_11
P1_06
P1_07
P1_08
P1_09
P0_06
P0_07
P0_04
SYS_HWRST
P0_05
P2_10
P2_09
P2_08
P2_07
P2_06
P2_05
P2_04
P2_03
GND_VREFADC
VBAT_ADC
VREF_ADC
VLDO_OUT
VDCDC_CAP2P
VDCDC_CAP2N
VDCDC_OUT
VBAT_ANA2
VDCDC_CAP1P
VDCDC_CAP1N
SYS_LFXTAL_OUT
SYS_LFXTAL_IN
SYS_HFXTAL_OUT
SYS_HFXTAL_IN
VBAT_ANA1
IO
IO
21
13
11
10
7
6
43
4
25
2
44
61
59
60
42
24
26
38
27
28
39
40
23
22
20
19
18
17
16
49
34
8
1
14
45
29
12
9
58
57
41
46
52
51
47
50
5
3
36
35
37
55
54
53
56
31
30
33
32
62
63
15
48
64
Figure 26. Recommended External Components when Using the Internal Buck Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com