Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM3027BCBZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADUCM3027BCBZ-R7
Description  Ultra Low Power Arm Cortex-M3 MCU with Integrated Power Management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM3027BCBZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADUCM3027BCBZ-R7 Datasheet HTML 5Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 6Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 7Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 8Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 9Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 10Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 11Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 12Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Data Sheet
ADuCM3027/ADuCM3029
Rev. B | Page 9 of 39
TIMING SPECIFICATIONS
Reset Timing
Table 11.
Parameter
Symbol
Min
Typ
Max
Unit
RESET TIMING REQUIREMENTS
SYS_HWRST Asserted Pulse Width Low1
tWRST
4
µs
1
Applies after power-up sequence is complete.
SYS_HWRST
tWRST
Figure 2. Reset Timing
Serial Ports Timing
Table 12.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
EXTERNAL CLOCK SERIAL PORTS
Timing Requirements
Frame Sync Setup Before SPT_CLK1
tSFSE
5
ns
Externally generated frame sync
in transmit or receive mode
Frame Sync Hold After SPT_CLK1
tHFSE
5
ns
Externally generated frame sync
in transmit or receive mode
Receive Data Setup Before Receive SPT_CLK1
tSDRE
5
ns
Receive Data Hold After SPT_CLK1
tHDRE
8
ns
SPT_CLK Width2
tSCLKW
38.5
ns
SPT_CLK Period2
tSPTCLK
77
ns
Switching Characteristics3
Frame Sync Delay After SPT_CLK
tDFSE
20
ns
Internally generated frame sync in
transmit or receive mode
Frame Sync Hold After SPT_CLK
tHOFSE
2
ns
Internally generated frame sync in
transmit or receive mode
Transmit Data Delay After Transmit SPT_CLK
tDDTE
20
ns
Transmit Data Hold After Transmit SPT_CLK
tHDTE
1
ns
INTERNAL CLOCK SERIAL PORTS
Timing Requirements1
Receive Data Setup Before SPT_CLK
tSDRI
25
ns
Receive Data Hold After SPT_CLK
tHDRI
0
ns
Switching Characteristics
Frame Sync Delay After SPT_CLK 3
tDFSI
20
ns
Internally generated frame sync in
transmit or receive mode
Frame Sync Hold After SPT_CLK 3
tHOFSI
−8
ns
Internally generated frame sync in
transmit or receive mode
Transmit Data Delay After SPT_CLK3
tDDTI
20
ns
Transmit Data Hold After SPT_CLK3
tHDTI
−7
ns
SPT_CLK Width
tSCLKIW
tPCLK − 1.5
ns
SPT_CLK Period
tSPTCLK
(2 × tPCLK) − 1
ns
Not shown in Figure 3 to Figure 7
ENABLE AND THREE-STATE SERIAL PORTS
Switching Characteristics
Data Enable from Internal Transmit SPT_CLK3
tDDTIN
5
ns
Data Disable from Internal Transmit SPT_CLK3
tDDTTI
160
ns
1
This specification is referenced to the sample edge.
2
This specification indicates the minimum instantaneous width or period that can be tolerated due to duty cycle variation or jitter on the external SPT_CLK.
3
These specifications are referenced to the drive edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com