Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM3027BCBZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADUCM3027BCBZ-R7
Description  Ultra Low Power Arm Cortex-M3 MCU with Integrated Power Management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM3027BCBZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADUCM3027BCBZ-R7 Datasheet HTML 1Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 2Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 3Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 4Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 5Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 6Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 7Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 8Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
Data Sheet
ADuCM3027/ADuCM3029
Rev. B | Page 5 of 39
POWER SUPPLY CURRENT SPECIFICATIONS
Active Mode
Table 4.
Parameter
Min Typ1 Max2 Unit
Test Conditions/Comments
ACTIVE MODE3
Current consumption when VBAT = 3.0 V
Buck Enabled
0.40 2.71
mA
Code executing from flash, cache enabled, peripheral clocks off, HCLK = 6.5 MHz
0.98 1.29
mA
Code executing from flash, cache enabled, peripheral clocks off, HCLK = 26 MHz
1.28 1.64
mA
Code executing from flash, cache disabled, peripheral clocks off, HCLK = 26 MHz
0.95 1.36
mA
Code executing from SRAM, peripheral clocks off, HCLK = 26 MHz
1.08 1.43
mA
Code executing from flash, cache enabled, peripheral clocks on, HCLK = 26 MHz,
PCLK = 26 MHz
1.37 1.78
mA
Code executing from flash, cache disabled, peripheral clocks on, HCLK = 26 MHz,
PCLK = 26 MHz
1.08 1.49
mA
Code executing from SRAM, peripheral clocks on, HCLK = 26 MHz, PCLK = 26 MHz
Dynamic Current
30
µA/MHz Code executing from flash, cache enabled
1.75 8.05
mA
Code executing from flash, cache enabled, peripheral clocks off, HCLK = 26 MHz
2.34 3.0
mA
Code executing from flash, cache disabled, peripheral clocks off, HCLK = 26 MHz
1.78 2.48
mA
Code executing from SRAM, peripheral clocks off, HCLK = 26 MHz
1.99 2.67
mA
Code executing from flash, cache enabled, peripheral clocks on, HCLK = 26 MHz,
PCLK = 26 MHz
2.55 3.29
mA
Code executing from flash, cache disabled, peripheral clocks on, HCLK = 26 MHz,
PCLK = 26 MHz
2.03 2.74
mA
Code executing from SRAM, peripheral clocks on, HCLK = 26 MHz, PCLK = 26 MHz
60
µA/MHz Code executing from flash, cache enabled
1
TJ = 25°C.
2
TJ = 85°C.
3
The code being executed is a prime number generation in a continuous loop, with HFOSC as the system clock source.
Flexi Mode
Table 5.
Parameter
Min Typ1 Max2 Unit
Test Conditions/Comments
FLEXI™ MODE
Current consumption when VBAT = 3.0 V
Buck Enabled
0.3
0.67
mA
Peripheral clocks off
0.39
0.80
mA
Peripheral clocks on, PCLK = 26 MHz
Buck Disabled
0.52
1.11
mA
Peripheral clocks off
0.7
1.38
mA
Peripheral clocks on, PCLK = 26 MHz
1
TJ = 25°C.
2
TJ = 85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com