Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM3027BCBZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADUCM3027BCBZ-R7
Description  Ultra Low Power Arm Cortex-M3 MCU with Integrated Power Management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM3027BCBZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADUCM3027BCBZ-R7 Datasheet HTML 16Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 17Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 18Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 19Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 20Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 21Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 22Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 23Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
ADuCM3027/ADuCM3029
Data Sheet
Rev. B | Page 20 of 39
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 16 through Figure 21 show the typical current voltage characteristics for the output drivers of the MCU. The curves represent the
current drive capability of the output drivers as a function of output voltage.
0
0.2
0.1
0.3
0.4
0.5
0.6
–5
–4
–3
–2
–1
0
1
2
5
3
4
1.2
1.3
1.4
1.5
1.6
1.7
1.8
VOH (V)
VOL (V)
VOH, VBAT = 1.74V
VOL, VBAT = 1.74V
VOH TYPE A
VOH TYPE B
VOH TYPE C
VOH TYPE D
VOL TYPE A
VOL TYPE B
VOL TYPE C
VOL TYPE D
Figure 16. Output Double Drive Strength Characteristics (VBAT = 1.74 V)
0
0.2
0.3
0.4
0.5
0.6
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
2.5
1.5
2.0
1.2
1.3
1.4
1.5
1.6
1.7
VOH (V)
VOL (V)
VOH, VBAT = 1.74V
VOL, VBAT = 1.74V
VOH TYPE A
VOH TYPE B
VOH TYPE C
VOH TYPE D
VOL TYPE A
VOL TYPE B
VOL TYPE C
VOL TYPE D
0.1
Figure 17. Output Single Drive Strength Characteristics (VBAT = 1.74 V)
0
0.10
0.15
0.20
0.25
0.30
–5
–4
–3
–2
–1
0
1
2
5
3
4
2.70
2.75
2.80
2.85
2.90
2.95
3.00
VOH (V)
VOL (V)
VOH, VBAT = 3.0V
VOL, VBAT = 3.0V
VOH TYPE A
VOH TYPE B
VOH TYPE C
VOH TYPE D
VOL TYPE A
VOL TYPE B
VOL TYPE C
VOL TYPE D
0.05
Figure 18. Output Double Drive Strength Characteristics (VBAT = 3.0 V)
0
0.10
0.15
0.20
0.25
2.75
2.80
2.85
2.90
2.95
3.00
VOH (V)
VOL (V)
VOH, VBAT = 3.0V
VOL, VBAT = 3.0V
VOH TYPE A
VOH TYPE B
VOH TYPE C
VOH TYPE D
VOL TYPE A
VOL TYPE B
VOL TYPE C
VOL TYPE D
0.05
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
2.5
1.5
2.0
Figure 19. Output Single Drive Strength Characteristics (VBAT = 3.0 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com