Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM3027BCBZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADUCM3027BCBZ-R7
Description  Ultra Low Power Arm Cortex-M3 MCU with Integrated Power Management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM3027BCBZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADUCM3027BCBZ-R7 Datasheet HTML 8Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 9Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 10Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 11Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 12Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 13Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 14Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 15Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
ADuCM3027/ADuCM3029
Data Sheet
Rev. B | Page 12 of 39
SPI Timing
Table 13.
Parameter1
Symbol
Min
Typ
Max
Unit
SPI MASTER MODE TIMING
Timing Requirements
Chip Select (CS) to Serial Clock (SCLK) Edge
tCS
(0.5 × tPCLK) − 3
ns
SCLK Low Pulse Width
tSL
tPCLK − 3.5
ns
SCLK High Pulse Width
tSH
tPCLK − 3.5
ns
Data Input Setup Time Before SCLK Edge
tDSU
5
ns
Data Input Hold Time After SCLK Edge
tDHD
20
ns
Switching Characteristics
Data Output Valid After SCLK Edge
tDAV
25
ns
Data Output Setup Before SCLK Edge
tDOSU
tPCLK − 2.2
ns
CS High After SCLK Edge
tSFS
(0.5 × tPCLK) − 3
ns
SPI SLAVE MODE TIMING
Timing Requirements
CS to SCLK Edge
tCS
38.5
ns
SCLK Low Pulse Width
tSL
38.5
ns
SCLK High Pulse Width
tSH
38.5
ns
Data Input Setup Time Before SCLK Edge
tDSU
6
ns
Data Input Hold Time After SCLK Edge
tDHD
8
ns
Switching Characteristics
Data Output Valid After SCLK Edge
tDAV
20
ns
Data Output Valid After CS Edge
tDOCS
20
ns
CS High After SCLK Edge
tSFS
38.5
ns
1 These specifications are characterized with respect to double drive strength.
CS
MOSI
MSB
MSB IN
BIT 6 TO BIT 1
LSB
LSB IN
BIT 6 TO BIT 1
MISO
SCLK
(POLARITY = 0)
SCLK
(POLARITY = 1)
tCS
tSFS
tSH
tDAV
tDSU
tDHD
tSL
Figure 8. SPI Master Mode Timing (Phase Mode = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com