Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM3027BCBZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADUCM3027BCBZ-R7
Description  Ultra Low Power Arm Cortex-M3 MCU with Integrated Power Management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM3027BCBZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADUCM3027BCBZ-R7 Datasheet HTML 4Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 5Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 6Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 7Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 8Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 9Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 10Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 11Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
ADuCM3027/ADuCM3029
Data Sheet
Rev. B | Page 8 of 39
SYSTEM CLOCKS
External Crystal Oscillator Specifications
Table 8.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
LOW FREQUENCY EXTERNAL CRYSTAL
OSCILLATOR (LFXTAL)
Frequency
fLFXTAL
32,768
Hz
External Capacitance from
SYS_LFXTAL_IN Pin to Ground and
from SYS_LFXTAL_OUT Pin to Ground
CLFXTAL
6
10
pF
External capacitors on SYS_LFXTAL_IN
and SYS_LFXTAL_OUT pins must be
selected considering the printed circuit
board (PCB) trace capacitance due to
routing
Crystal Equivalent Series Resistance
ESRLFXTAL
30
kΩ
HIGH FREQUENCY EXTERNAL CRYSTAL
OSCILLATOR (HFXTAL)
Frequency
fHFXTAL
26
MHz
External Capacitance from
SYS_HFXTAL_IN Pin to Ground and
from SYS_HFXTAL_OUT Pin to Ground
CHFXTAL
20
pF
External capacitors on SYS_HFXTAL_IN
and SYS_HFXTAL_OUT pins must be
selected considering the PCB trace
capacitance due to routing
Crystal Equivalent Series Resistance
ESRHFXTAL
50
Ω
On-Chip RC Oscillator Specifications
Table 9.
Parameter
Symbol
Min
Typ
Max
Unit
LOW FREQUENCY RC OSCILLATOR (LFOSC)
Frequency
fLFOSC
30,800
32,768
34,407
Hz
HIGH FREQUENCY RC OSCILLATOR (HFOSC)
Frequency
fHFOSC
25.09
26
26.728
MHz
System Clocks and PLL Specifications
Table 10.
Parameter
Symbol
Min
Typ
Max
Unit
PLL SPECIFICATIONS
PLL Input Clock Frequency1
fPLLIN
16
26
MHz
PLL Output Clock Frequency2, 3
fPLLOUT
16
60
MHz
System Peripheral Clock (PCLK) Frequency
fPCLK
0.8125
26
MHz
Advanced High Performance Bus Clock (HCLK) Frequency
fHCLK
0.8125
26
MHz
1 The input to the PLL can come from either the high frequency external crystal (HFXTAL), SYS_CLKIN pin or from the high frequency internal RC oscillator (HFOSC).
2 For the maximum value, the recommended settings are PLL_MSEL = 13, PLL_NSEL = 16, PLL_DIV2 = 1 for PLL input clock = 26 MHz; and PLL_MSEL = 13, PLL_NSEL =
26, PLL_DIV2 = 1 for PLL input clock = 16 MHz.
3 For the minimum value, the recommended settings are PLL_MSEL = 13, PLL_NSEL = 30, PLL_DIV2 = 0 for PLL input clock = 26 MHz; and PLL_MSEL = 8, PLL_NSEL = 30,
PLL_DIV2 = 0 for 16 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com