Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM3027BCBZ-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADUCM3027BCBZ-R7
Description  Ultra Low Power Arm Cortex-M3 MCU with Integrated Power Management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM3027BCBZ-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADUCM3027BCBZ-R7 Datasheet HTML 31Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 32Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 33Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 34Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 35Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 36Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 37Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 38Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 39Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
ADuCM3027/ADuCM3029
Data Sheet
Rev. B | Page 36 of 39
ABOUT ADuCM3027/ADuCM3029 SILICON ANOMALIES
This anomaly list describes the known bugs, anomalies, and workarounds for the ADuCM3027/ADuCM3029. These anomalies represent
the currently known differences between revisions of the ADuCM3027/ADuCM3029 product(s) and the functionality specified in the
ADuCM3027/ADuCM3029 data sheet(s) and the Hardware Reference manual.
Analog Devices, Inc., is committed, through future silicon revisions, to continuously improve silicon functionality. Analog Devices tries
to ensure that these future silicon revisions remain compatible with your present software/systems by implementing the recommended
workarounds outlined in this section.
ADuCM30297/ADuCM3029 FUNCTIONALITY ISSUES
Silicon Revision Identifier
Silicon Status
No. of Reported Anomalies
1.2
Released
4 (21000011, 21000015, 21000016, 21000017)
A silicon revision number with the form x.y is branded on all devices. The silicon revision can be electronically determined by reading
Bits[3:0] of the SYS_CHIPID register. SYS_CHIPID = 0x4 indicates Silicon Revision 1.2.
FUNCTIONALITY ISSUES
Table 30 through Table 33 detail all known silicon anomalies for the ADuCM3027/ADuCM3029 including a description, workaround,
and identification of applicable silicon revisions.
Table 30. 21000011—I2C Master Mode Fails to Generate Clock
Background
When the I2C clock dividers are configured in master mode such that the sum of the LOW bit in the I2C_DIV register
and the HIGH bit in the I2C_DIV register is less than 16, the I2C fails to generate a clock.
Issue
The I2C master mode fails to generate clock when clock dividers are too small.
Workaround
Program the I2C clock dividers such that I2C_DIV.LOW + I2C_DIV.HIGH ≥ 16.
Related Issues
None.
Table 31. 21000015—Pin P2_11 Not Retained
Background
The state of the P2_11 pin is not retained after waking up from shutdown mode.
Issue
Pin P2_11 is not retained after shutdown wake up.
Workaround
None. To retain the pin state through shutdown, use any other GPIO pin instead of P2_11.
Related Issues
None.
Table 32. 21000016—Data Loss with I2C Automatic Clock Stretching
Background
When the I2C Rx FIFO is full and new I2C data is received, a data overflow occurs. When automatic clock stretching is
enabled, the transaction is paused by holding the SCL line low. This pause function works as expected when the
next read happens after the clock is stretched (for example, after the overflow is detected). However, if the read
occurs after the last bit of the I2C data is received but before the clock is stretched, the received data is not written
to the Rx FIFO and is lost.
Issue
Possible receive data loss with I2C automatic clock stretching.
Workaround
After I2C automatic clock stretching is enabled, read the FIFO only after the overflow flag is set in the status register
to ensure the Rx FIFO is never read at the same time the overflow is asserted.
Related Issues
None.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com