Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM3027BCBZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADUCM3027BCBZ-R7
Description  Ultra Low Power Arm Cortex-M3 MCU with Integrated Power Management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM3027BCBZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADUCM3027BCBZ-R7 Datasheet HTML 17Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 18Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 19Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 20Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 21Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 22Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 23Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 24Page - Analog Devices ADUCM3027BCBZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
Data Sheet
ADuCM3027/ADuCM3029
Rev. B | Page 21 of 39
–5
–4
–3
–2
–1
0
1
2
5
3
4
3.30
3.35
3.40
3.45
3.50
3.55
3.60
VOH (V)
VOL (V)
VOH, VBAT = 3.6V
VOL, VBAT = 3.6V
VOH TYPE A
VOH TYPE B
VOH TYPE C
VOH TYPE D
VOL TYPE A
VOL TYPE B
VOL TYPE C
VOL TYPE D
0
0.10
0.15
0.20
0.25
0.05
Figure 20. Output Double Drive Strength Characteristics (VBAT = 3.6 V)
0
0.10
0.05
0.15
0.20
0.25
3.38
3.40
3.42
3.44
3.46
3.48
3.50
3.52
3.58
3.56
3.54
VOH (V)
VOL (V)
VOH, VBAT = 3.6V
VOL, VBAT = 3.6V
VOH TYPE A
VOH TYPE B
VOH TYPE C
VOH TYPE D
VOL TYPE A
VOL TYPE B
VOL TYPE C
VOL TYPE D
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
2.5
1.5
2.0
Figure 21. Output Single Drive Strength Characteristics (VBAT = 3.6 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com